Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS22C022P Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS22C022P
Description  VERSATILE 20 SEC INSTANT VOICE ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C022P Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS22C022P Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C022P Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
11/15/99
IS22C022
ISSI®
Group Configuration
Voice within each group are combinations of different
fixed memory sections of up to 126 sections. These
sections are the fundamental voice building blocks for
arranging playback without limiting sequencing. This
provides flexibility and allows data to be re-used, beneficial
for applications with many repeated sounds or words.
An example of group configuration is illustrated below:
Group No.
Section Entry
Group 1
Sec 1 + Sec 2 + Sec 3 ……. Sec 109
Group 2
Sec 3 + Sec 2
Group 3
Sec 10 + Sec 11 + Sec 12
Group 4
Sec110 + Sec 10 + Sec 5
Group Configuration
The entry of sections for each group is truly random and
without limitation. However, there is a limit in the total
number of entries for eight groups, which is 992 in the
IS22C022. It is acceptable to allocate all entries into only
one group or distribute out to other groups. It depends on
how many groups of messages are required.
Programmable Options
Groups in IS22C022 can have independent options. They
include:
Edge or Level trigger
Unholdable or Holdable trigger
Retriggerable or non-retriggerable
Sequential or Random playback
LED1, LED2, Busy, and Stop pulse are configurable
Four selections in playback frequency
Selections in Triggering
The IS22C022 can be triggered in different ways, Edge or
Level trigger, Holdable or Unholdable, Retriggerable or
Non-retriggerable. The combinations of the triggering
options provide versatile playback.
By enabling Retrigger, the playback can be controlled in
Stop and Start mode. A trigger on any trigger pin will stop
the current message and start the next message immedi-
ately.
Selections in Playback Frequency
This option provides four choices for each group in
frequency which implies it is possible to have four
different sampling rates in one chip or one sample rate
with a different playback frequency. As a matter of fact,
the available choices are also dependent on the pullup
resistor value at the OSC pin. For example, if the
fundamental frequency choice is F, it can provide choices
in x1, x1-1/2, x2, x3.
Selections in Playback Mode
There are two playback modes, Sequential and Random
in the IS22C022. If the chip is programmed in Sequential
Mode, messages will playback in the order from Group 1
to Group 8 by triggering the SBT pin. If the chip is
programmed in Random Mode, messages will be played
back randomly by triggering the SBT pin.
Selections in Output Buffer
There are three independent output pins, OUT1, OUT2,
and OUT3, available for several combinations of LED1,
LED2, Stop Pulse, and Busy Signal for each group. The
following table illustrates the four different combinations.
OUT1
OUT2
OUT3
1.
LED1
LED2
Busy
2.
STOP
LED1
LED2
3.
Busy
Stop
LED1
4.
LED2
Busy
Stop
LED1 and LED2 are complemented outputs flashing at
approximately a 3 Hz rate. Stop pulse (STOP) gives a 15
ms positive pulse at the end of the playback for each
Group with option have or do not have the Stop pulse.
Busy is active high and Section dependent but not Group
dependent. Even if same section in different group may
have different output in Busy output. For instance, BUSY
can be high for Section 4 in Group 1 but low in Group 4.
BUSY can be used as a synchronous signal. During
standby mode all three outputs must be low.
Software Support
ISSI provides dedicated software to the customer. With
this tool, the customer can compose their own messages
and configure the chip to fit into their applications very
easily.


Similar Part No. - IS22C022P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C012P ISSI-IS22C012P Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C012X ISSI-IS22C012X Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
IS22C040 ISSI-IS22C040 Datasheet
58Kb / 11P
   32 to 40 SEC INSTANT VOICE ROM
IS22C040P ISSI-IS22C040P Datasheet
58Kb / 11P
   32 to 40 SEC INSTANT VOICE ROM
More results

Similar Description - IS22C022P

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8208A APLUS-API8208A Datasheet
174Kb / 10P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Aplus Intergrated Circu...
API840N APLUS-API840N Datasheet
284Kb / 10P
   32 to 40 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
   32 to 40 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
   12 Instant Voice VROM
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
   6 SEC VOICE
M5109 ETC-M5109 Datasheet
99Kb / 1P
   9 SEC VOICE
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com