Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990TLX-1.2 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990TLX-1.2
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990TLX-1.2 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3990TLX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 11Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 12Page - National Semiconductor (TI) LP3990TLX-1.2 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Hints (Continued)
tantalum will increase about 2:1 as the temperature goes
from 25˚C down to -40˚C, so some guard band must be
allowed.
ENABLE CONTROL
The LP3990 features an active high Enable pin, V
EN, which
turns the device on when pulled high. When not enabled the
regulator output is off and the device typically consumes
2nA.
If the application does not require the Enable switching
feature, the V
EN pin should be tied to VIN to keep the
regulator output permanently on.
To ensure proper operation, the signal source used to drive
the V
EN input must be able to swing above and below the
specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under V
IL and VIH.
Micro SMD MOUNTING
The micro SMD package requires specific mounting tech-
niques, which are detailed in National Semiconductor Appli-
cation Note AN-1112.
For best results during assembly, alignment ordinals on the
PC board may be used to facilitate placement of the micro
SMD device.
Micro SMD LIGHT SENSITIVITY
Exposing the micro SMD device to direct light may affect the
operation of the device. Light sources, such as halogen
lamps, can affect electrical performance, if placed in close
proximity to the device.
Light with wavelengths in the infra-red portion of the spec-
trum is the most detrimental, and so, fluorescent lighting
used inside most buildings, has little or no effect on perfor-
mance.
www.national.com
11


Similar Part No. - LP3990TLX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TLX-1.2 TI-LP3990TLX-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TLX-1.2 TI-LP3990TLX-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TLX-1.2/NOPB TI1-LP3990TLX-1.2/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990TLX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com