Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERP610W471MEF0 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ERP610W471MEF0
Description  Ceramic, Safety, ERP610, 470 pF, 20%, Y5U, Lead Spacing = 12.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERP610W471MEF0 Datasheet(HTML) 1 Page - Kemet Corporation

  ERP610W471MEF0 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 96e6a3bc-03f0-4d93-a5ec-38f1de70087b
KEMET Part Number: ERP610W471MEF0
Ceramic, Safety, ERP610, 470 pF, 20%, Y5U, Lead Spacing = 12.5mm
Dimensions
D
8mm MAX
T
5mm MAX
S
12.5mm NOM
LL
30mm -3mm
F
0.6mm +/-0.05mm
G
3mm MAX
Packaging Specifications
Packaging: Bulk, Bag
General Information
Style: Radial Disc
Series: ERP610
Description: Ceramic Single Layer Safety
Disc Capacitors
RoHS: Yes
Termination: Tin
Approvals: UL, CSA, ENEC
Specifications
Capacitance: 470 pF
Capacitance Tolerance: 20%
Temperature Range: -40/+125C
Temperature Coefficient: Y5U
Dissipation Factor: 2.5%
Insulation Resistance: 10 GOhms
Voltage: 760 VAC (X1), 500 VAC (Y1)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ERP610W471MEF0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W471MDRU KEMET-ERP610W471MDRU Datasheet
78Kb / 1P
   Ceramic, Safety, ERP610, 470 pF, 20%, Y5U, Lead Spacing = 10mm
More results

Similar Description - ERP610W471MEF0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W332MEJ0 KEMET-ERP610W332MEJ0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 3300 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W222MEJ0 KEMET-ERP610W222MEJ0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W472MEJ0 KEMET-ERP610W472MEJ0 Datasheet
78Kb / 1P
   Ceramic, Safety, ERP610, 4700 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W222MERU KEMET-ERP610W222MERU Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W472MEF0 KEMET-ERP610W472MEF0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 4700 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W222MERY KEMET-ERP610W222MERY Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W102MEF0 KEMET-ERP610W102MEF0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 1000 pF, 20%, Y5U, Lead Spacing = 12.5mm
ERP610W471MDRU KEMET-ERP610W471MDRU Datasheet
78Kb / 1P
   Ceramic, Safety, ERP610, 470 pF, 20%, Y5U, Lead Spacing = 10mm
ERP610W222MDRU KEMET-ERP610W222MDRU Datasheet
84Kb / 1P
   Ceramic, Safety, ERP610, 2200 pF, 20%, Y5U, Lead Spacing = 10mm
ERK610Z471MCRA KEMET-ERK610Z471MCRA Datasheet
83Kb / 1P
   Ceramic, Safety, ERK610, 470 pF, 20%, Y5U, Lead Spacing = 7.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com