Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P271HE102M250A Datasheet(PDF) 1 Page - Kemet Corporation

Part # P271HE102M250A
Description  PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P271HE102M250A Datasheet(HTML) 1 Page - Kemet Corporation

  P271HE102M250A Datasheet HTML 1Page - Kemet Corporation P271HE102M250A Datasheet HTML 2Page - Kemet Corporation P271HE102M250A Datasheet HTML 3Page - Kemet Corporation P271HE102M250A Datasheet HTML 4Page - Kemet Corporation P271HE102M250A Datasheet HTML 5Page - Kemet Corporation P271HE102M250A Datasheet HTML 6Page - Kemet Corporation P271HE102M250A Datasheet HTML 7Page - Kemet Corporation P271HE102M250A Datasheet HTML 8Page - Kemet Corporation P271HE102M250A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3016_PME271Y_Y2_250 • 5/19/2016
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL, CQC
• Rated voltage: 250 VAC 50/60 Hz
• Capacitance range: 0.001 – 0.1 µF
• Lead spacing: 10.2 – 25.4 mm
• Capacitance tolerance: ±20%
• Climatic category: 40/100/56/B, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operating temperature range of −40˚C to +100˚C
• 100% screening factory test at 3,000 VDC
• Highest possible safety regarding active and passive
flammability
Overview
The PME271Y Series is constructed of multilayer metallized
paper encapsulated and impregnated in self-extinguishing
material meeting the requirements of UL 94 V–0.
Applications
Typical applications include worldwide use as electromagnetic
interference suppressor in all Y2 applications, line-to-earth.
AC Line EMI Suppression and RC Networks
PME271Y Series Metallized Impregnated Paper,
Class Y2, 250 VAC
Legacy Part Number System
PME271
Y
410
M
R30
Series
Rated Voltage (VAC)
Capacitance Code (pF)
Capacitance
Tolerance
Packaging
Y2, Metallized Paper
Y = 250
The last two digits represent
significant figures. The
first digit specifies the total
number of digits.
M = ±20%
See Ordering
Options Table
New KEMET Part Number System
P
271
H
E
102
M
250
A
Capacitor
Class
Series
Lead Spacing (mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VAC)
Lead and
Packaging Code
P = Paper
Y2, Metallized
Paper
H = 10.2
Q = 15.2
C = 20.3
E = 25.4
See Dimension
Table
First two digits represent
significant figures. Third digit
specifies number of zeros.
M = ±20%
250 = 250
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - P271HE102M250A

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P271 BITECH-P271 Datasheet
290Kb / 3P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271 Datasheet
158Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Microsemi Corporation
P2715 MICROSEMI-P2715 Datasheet
135Kb / 2P
   GaAs Flip Chip PIN Diodes
logo
Bi technologies
P271 BITECH-P271_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
More results

Similar Description - P271HE102M250A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com