Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8816 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8816
Description  Dual Channel 1A Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8816 Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8816 Datasheet HTML 1Page - Microsemi Corporation LX8816 Datasheet HTML 2Page - Microsemi Corporation LX8816 Datasheet HTML 3Page - Microsemi Corporation LX8816 Datasheet HTML 4Page - Microsemi Corporation LX8816 Datasheet HTML 5Page - Microsemi Corporation LX8816 Datasheet HTML 6Page - Microsemi Corporation LX8816 Datasheet HTML 7Page - Microsemi Corporation LX8816 Datasheet HTML 8Page - Microsemi Corporation LX8816 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
 2000
Rev. 1.2a, 2002-11-01
LX8816
Dual Channel 1A Low Dropout Regulator
PRODUCTION DATA SHEET
I N T E GR A T ED
PRO DUC T S
APPLICATION INFORMATION
Description
The LX8816 is part of a family of Dual LDO (Low Drop-Out) linear
regulators in Microsemi’s S-PAK power package, which offer
maximum power dissipation in a low profile surface mount
technology. The family includes combination fixed and adjustable
versions. Each channel can supply up to one amp independently with a
regulator design optimized for system efficiency by consuming
minimal ground current and directing quiescent current to the load.
Input Capacitor
To improve load transient response and noise rejection a input bypass
capacitor is of at least 2.2uF is required. Generally we recommend a
20uF ceramic or tantalum or 22uF electrolytic capacitor.
Output Capacitor
The regulator requires output capacitors connected between V1, V2 and
GND to stabilize the internal control loop. Many types of capacitors
are available, with different capacitance values tolerances, temperature
coefficients and equivalent series resistance. We recommend a
minimum of 4.7uF. To ensure good transient response from the power
supply system under rapidly changing current load conditions,
designers generally use additional output capacitors connected in
parallel. Such an arrangement serves to minimize the effects of the
parasitic resistance (ESR) and inductance (ESL) that are present in all
capacitors. The regulator has been tested stable with capacitor ESR’s
in the range of 0.05 to 2 ohms. We have found it best to use the same
type of capacitor for both input and output bypass.
Adjustable Output Voltage
The LX8816 develops a 1.25V reference voltage between the adjust
terminal and GND (See Figure 2). By placing a resistor, R2, between
these two terminals, a constant current is caused to flow through R1
and down through R2 to set the overall output voltage. Because IADJ is
very small and constant when compared with the current through R2, it
represents a small error and can usually be ignored.
LX8816-04
R1
R2
V
IN
ADJ
V
1
FIGURE 2 - BASIC ADJUSTABLE
REGULATOR
V
REF
1
2
1
1
1
R
I
R
R
V
V
ADJ
REF
+

+
=
I
ADJ
1µA
V
2
Minimum Load Requirement
The LX8816 has a minimum load is requirement for proper output
regulation. This minimum current is specified at 0mA for the fixed
output and 2ma for the adjustable output regulators.
Temperature Protection
The thermal protection shuts the LX8816 down when the junction
temperature exceeds 1400C. Each output has independent thermal
shutdown capability. Exposure to absolute maximum rated conditions
for extended periods may affect device reliability, see Thermal
Considerations below.
Current Limit Protection
The LX8816 includes over current protection, when the output load
current exceeds typically 1.4A the circuit forces the regulator decrease
in output.
Thermal Considerations
Thermal shutdown protects the integrated circuit from thermal
overload caused from a rise in junction temperature during power
dissipation. This means of protection is intended for fault protection
only and not as a means of current or power limiting during normal
application usage. Proper thermal evaluation should be done to ensure
that the junction temperature dose not exceed it’s maximum rating.
Operating at the maximum TJ of 150°C can impact reliability . Due to
variation in individual device electrical characteristics and thermal
resistance , the built in thermal overload protection may be activated at
power levels slightly above or below the rated dissipation. Also peak
output power should be considered for each individual output.
Power dissipation for regulator can be calculated using the following
equation:
PD = (VIN(MAX)-V1) * I1 + (VIN(MAX)-V2 ) * I2
(Note: power dissipation resulting from quiescent (ground) current is negligible)
For the S-PAK package, thermal resistance,
θTAB-AMB is 25-450C/W
depending on mounting technique when mounted on a FR4 copper
clad PCB. Junction temperature of the integrated circuit can be
calculated using:
TJUNCTION = TJUNCTION-TAB RISE _+ TTAB-AMB RISE + TAMB
TTAB = PD MAX * θJT ; TTAB-AMB = (PD REG1 + PD REG2) * θPCB
An example: Given conditions: TA = 50°C, VIN= 5.0V, V1= 2.5V, I1=
210mA, V2= 3.3V I2= 1A.
Calculated values:
TJ-TAB REG1
= (5V-2.5V) * (210mA) * 4.5°C/W = (0.525) * 4.5°C/W = 2.4°C
TJ-TAB REG2
= (5V-3.3V) * (1.0A) * 4.5°C/W = (1.7) * 4.5°C/W = 7.7°C
TTAB-AMB RISE = ( 0.525W + 1.7W ) * 30°C/W = 66.8°C
TJUNCTION = 10.1°C + 66.8°C + 50°C = 126.9°C
It is important to note that although each output of the regulator will
produce up to 1A in current, the individual or total power dissipation
may limit the useful total current draw. The junction temperature
should be calculated for each individual output as well as the
combined outputs to insure the maximum junction temperature in not
exceeded.


Similar Part No. - LX8816

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816 Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
LX8816-04CDF MICROSEMI-LX8816-04CDF Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
LX8816-04CDF-TR MICROSEMI-LX8816-04CDF-TR Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
More results

Similar Description - LX8816

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
   Dual Channel 1A Low Dropout Regulator
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
   Dual Channel 1A Low Dropout Regulator
LX8819 MICROSEMI-LX8819 Datasheet
305Kb / 9P
   Dual Channel 1A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL1118 BELLING-BL1118 Datasheet
813Kb / 8P
   Dual 1A Low Dropout Regulator
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com