Electronic Components Datasheet Search |
|
RL0603JR-079R76L Datasheet(PDF) 5 Page - YAGEO Corporation |
|
RL0603JR-079R76L Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 9 page Chip Resistor Surface Mount www.yageo.com May. 27, 2016 V.1 Product specification 5 5 SERIES RL 0402 to 2512 Type Power P70 Operating Temp. range Resistance range & tolerance T. C. R. ( ppm/°C) Jumper criteria RL0402 1/16W -55°C to +155°C E24 ± 1%, ± 2%, ± 5% 50mΩ ≤ R < 1Ω See following table “T.C.R.- RL series” Max. resistance 20mΩ Rated current 1.5A RL0603 1/10W 10mΩ ≤ R < 1Ω Max. resistance 20mΩ Rated current 2A RL0805 1/8W 10mΩ ≤ R < 1Ω Max. resistance 20mΩ Rated current 2.5A 1/4W -55°C to +125°C 10mΩ ≤ R < 1Ω -- -- RL1206 1/4W -55°C to +155°C 10mΩ ≤ R < 1Ω Max. resistance 20mΩ Rated current 3.5A 1/2W -55°C to +125°C 10mΩ ≤ R < 1Ω -- -- RL1210 1/2W -55°C to +155°C 10mΩ ≤ R < 1Ω -- -- RL1218 1W 10mΩ ≤ R < 1Ω -- -- RL2010 3/4W 10mΩ ≤ R < 1Ω -- -- RL2512 1W 10mΩ ≤ R < 1Ω -- -- ELECTRICAL CHARACTERISTICS Table 2 FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”. PACKING STYLE REEL DIMENSION RL0402 RL0603 RL0805 RL1206 RL1210 RL1218 RL2010 RL2512 Paper taping reel (R) 7" (178 mm) 10,000 5,000 5,000 5,000 5,000 --- --- --- 13" (330 mm) 50,000 20,000 20,000 20,000 20,000 --- --- --- Embossed taping reel (K) 7" (178 mm) --- --- --- --- --- 4,000 4,000 4,000 NOTE 1. For paper/embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”. PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity TYPE / RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE RL0402 50mΩ≤R<1Ω 50m Ω ≤R<100mΩ 100m Ω ≤R<500mΩ 500m Ω ≤R<1Ω ± 1000 ppm/°C ± 800 ppm/°C ± 300 ppm/°C RL0603 10mΩ≤R<1Ω 10m Ω ≤R≤36mΩ 36m Ω <R≤91mΩ 91m Ω <R≤500mΩ 500m Ω <R<1Ω ± 1,500 ppm/°C ± 1,200 ppm/°C ± 800 ppm/°C ± 300 ppm/°C RL0805 10mΩ≤R<1Ω 10m Ω ≤R≤18mΩ 18m Ω <R≤47mΩ 47m Ω <R≤91mΩ 91mΩ <R≤360mΩ 360mΩ <R<500mΩ 500m Ω ≤R<1Ω ± 1,500 ppm/°C ± 1,200 ppm/°C ± 1,000 ppm/°C ± 600 ppm/°C ± 300 ppm/°C ± 200 ppm/°C 10m Ω ≤R≤18mΩ 18m Ω <R≤47mΩ 47m Ω <R≤91mΩ 91mΩ <R≤360mΩ 360mΩ <R≤500mΩ 500m Ω <R<1Ω RL1206 ± 1,500 ppm/°C ± 1,200 ppm/°C ± 1,000 ppm/°C ± 600 ppm/°C ± 300 ppm/°C ± 200 ppm/°C RL1210 ± 1,500 ppm/°C ± 1,000 ppm/°C ± 800 ppm/°C ± 600 ppm/°C ± 300 ppm/°C ± 200 ppm/°C RL2010 ± 1,500 ppm/°C ± 1,200 ppm/°C ± 1,000 ppm/°C ± 600 ppm/°C ± 300 ppm/°C ± 200 ppm/°C RL2512 ± 1,500 ppm/°C ± 1,200 ppm/°C ± 800 ppm/°C ± 600 ppm/°C ± 300 ppm/°C ± 200 ppm/°C RL1218 10mΩ≤R<1Ω 10m Ω ≤R≤30mΩ 30m Ω <R≤56mΩ 56m Ω <R≤180mΩ 180m Ω <R<1Ω ± 2,000 ppm/°C ± 1,000 ppm/°C ± 700 ppm/°C ± 250 ppm/°C |
Similar Part No. - RL0603JR-079R76L |
|
Similar Description - RL0603JR-079R76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |