Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990SDX-1.35 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990SDX-1.35
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990SDX-1.35 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3990SDX-1.35 Datasheet HTML 1Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 2Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 3Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 4Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 5Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 6Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 7Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 8Page - National Semiconductor (TI) LP3990SDX-1.35 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Descriptions
Packages
Pin No
Symbol
Name and Function
LLP
micro
SMD
SOT23-5
5A2
3
V
EN
Enable Input; Enables the Regulator when
≥ 0.95V.
Disables the Regulator when
≤ 0.4V.
Enable Input has 1M
Ω pulldown resistor to GND.
2
A1
2
GND
Common Ground. Connect to Pad.
1B1
5
V
OUT
Voltage output. A 0.47µF Low ESR Capacitor should be
connected to this Pin. Connect this output to the load circuit.
6B2
1
V
IN
Voltage Supply Input. A 1.0µF capacitor should be connected
at this input.
3
4
N/C
No Connection. Do not connect to any other pin.
4
N/C
No Connection. Do not connect to any other pin.
Pad
GND
Common Ground. Connect to Pin 2.
Connection Diagrams
Micro SMD, 4 Bump Package
20076803
See NS package number TLA04
LLP-6 Package
20076806
See NS package number SDE06A
www.national.com
2


Similar Part No. - LP3990SDX-1.35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990SD-1.2 TI-LP3990SD-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.2 TI-LP3990SD-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.2/NOPB TI1-LP3990SD-1.2/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.5 TI-LP3990SD-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.5 TI-LP3990SD-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990SDX-1.35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com