Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBAW56LT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBAW56LT3G
Description  Dual Switching Diode Common Anode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAW56LT3G Datasheet(HTML) 1 Page - ON Semiconductor

  SBAW56LT3G Datasheet HTML 1Page - ON Semiconductor SBAW56LT3G Datasheet HTML 2Page - ON Semiconductor SBAW56LT3G Datasheet HTML 3Page - ON Semiconductor SBAW56LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 10
1
Publication Order Number:
BAW56LT1/D
BAW56L, SBAW56L
Dual Switching Diode
Common Anode
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Current
IF
200
mA
Forward Surge Current
(60 Hz @ 1 cycle)
IFSM
2.0
A
Non−Repetitive Peak Forward Current
t = 1
ms (Note 3)
IFSM
4.0
A
Repetitive Peak Forward Current
Pulse Wave = 1 sec, Duty Cycle = 66%
IFRM
500
mA
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,
(Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
3. Square Wave; Tj = 25°C.
ANODE
3
CATHODE
1
2
CATHODE
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
A1 M
G
G
SOT−23 (TO−236)
CASE 318
STYLE 12
A1
= Device Code
M
= Date Code*
G
= Pb−Free Package
BAW56LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
BAW56LT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)
SBAW56LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SBAW56LT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
www.onsemi.com


Similar Part No. - SBAW56LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAW56LT3G ONSEMI-SBAW56LT3G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
More results

Similar Description - SBAW56LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
   Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
46Kb / 4P
   COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
SBAW56WT1G ONSEMI-SBAW56WT1G Datasheet
133Kb / 4P
   Dual Switching Diode, Common Anode
November, 2011 ??Rev. 7
BAW56WT1G ONSEMI-BAW56WT1G_16 Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
M1MA141WAT1 ONSEMI-M1MA141WAT1_05 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com