Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP534.D.07.C.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP534.D.07.C.001
Description  rohs compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP534.D.07.C.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP534.D.07.C.001 Datasheet HTML 1Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 2Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 3Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 4Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 5Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 6Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 7Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 8Page - Taoglas antenna solutions FXP534.D.07.C.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SPE-14-8-080/C/CY
Page 2 of 16
1.Introduction
The Venti FXP534 5.8GHz 802.11ac 4*4 MIMO antenna is an extremely compact, embedded
4-in-1 MIMO flexible polymer monopole type antenna designed specifically for 802.11ac Wi-Fi
applications, that can be easily installed in your device, and takes up the minimum amount of
space.
Typical Applications
- High speed real-time HD video streaming
- High capacity Wi-Fi networks for Mass Transit
- Embedded kiosk Wi-Fi Hotspots
High efficiency antennas are needed for the higher throughput requirements of these 4*4 MIMO
applications, but just as important is high isolation, so they do not interfere with each other. As
interference will reduce the throughput of your system.
Therefore this antenna has been designed to have good efficiency and isolation performance for
802.11ac Wi-Fi applications. The Venti FXP534 has more than 40% efficiency at 5.8 GHz
channels, and the insertion loss performance in each of the two ports is under -14dB across the
5GHz bands.
Many module manufacturers specify peak gain limits for any antennas that are to be connected
to that module. Those peak gain limits are based on free-space conditions. In practice, the peak
gain of an antenna tested in free-space can degrade by at least 1 or 2dBi when put inside a
device. So ideally you should go for a slightly higher peak gain antenna than mentioned on the
module specification to compensate for this effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate layout,
integration technique, or cable, Taoglas can make sure any of our antennas’ peak gain will be
below the peak gain limits. Taoglas can then issue a specification and/or report for the selected
antenna in your device that will clearly show it complying with the peak gain limits, so you can
be assured you are meeting regulatory requirements for that module.


Similar Part No. - FXP534.D.07.C.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP534D07C001 TAOGLAS-FXP534D07C001 Datasheet
1Mb / 16P
   Venti Embedded 5.8GHz Wi-Fi 80211ac 4-4 Mimo Antenna
More results

Similar Description - FXP534.D.07.C.001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com