Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1178ACUP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1178ACUP
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1178ACUP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1178ACUP Datasheet HTML 1Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 2Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 3Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 4Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 5Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 6Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 7Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 8Page - Maxim Integrated Products MAX1178ACUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AIN to AGND .....................................................-16.5V to +16.5V
REF, REFADJ to AGND............................-0.3V to (AVDD + 0.3V)
CS, R/C, HBEN to DGND .........................................-0.3V to +6V
D_, EOC to DGND ...................................-0.3V to (DVDD + 0.3V)
Maximum Continuous Current into Any Pin ........................50mA
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 10.9mW/°C above +70°C) ..................879mW
Operating Temperature Ranges
MAX11_ _ _CUP..................................................0°C to +70°C
MAX11_ _ _EUP ...............................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
16
Bits
MAX11_ _A
-1
+1
MAX11_ _B
-1.0
+1.5
Differential Nonlinearity
DNL
No missing codes
over temperature
MAX11_ _C
-1
+2
LSB
MAX11_ _A
-2
+2
MAX11_ _B
-2
+2
Integral Nonlinearity
INL
MAX11_ _C
-4
+4
LSB
RMS noise, external reference
0.6
Transition Noise
Internal reference
0.75
LSBRMS
Offset Error
-10
0
+10
mV
Gain Error
0
±0.2
%FSR
Offset Drift
16
µV/°C
Gain Drift
±1
ppm/°C
AC ACCURACY (fIN = 1kHz, VAIN = full range, 135ksps)
Signal-to-Noise Plus Distortion
SINAD
86
90
dB
Signal-to-Noise Ratio
SNR
87
91
dB
Total Harmonic Distortion
THD
-100
-92
dB
Spurious-Free Dynamic Range
SFDR
92
103
dB
ANALOG INPUT
MAX1178
-5
+5
Input Range
VAIN
MAX1188
-10
+10
V
Normal operation
5.3
6.9
9.2
MAX1178
Shutdown mode
3.0
Normal operation
7.8
10
13.0
Input Resistance
RAIN
MAX1188
Shutdown mode
6.0
k


Similar Part No. - MAX1178ACUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1178ACUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com