Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1178BCUP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1178BCUP
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1178BCUP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1178BCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 12Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 13Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
External Reference
An external reference can be placed at either the input
(REFADJ) or the output (REF) of the MAX1178/
MAX1188s’ internal buffer amplifier. Using the buffered
REFADJ input makes buffering the external reference
unnecessary. The input impedance of REFADJ is typi-
cally 5k
Ω. The internal buffer output must be bypassed
at REF with a 10µF capacitor.
Connect REFADJ to AVDD to disable the internal buffer.
Directly drive REF using an external 3.8V to 4.2V refer-
ence. During conversion, the external reference must
be able to drive 100µA of DC load current and have an
output impedance of 10
Ω or less.
For optimal performance, buffer the reference through
an op amp and bypass REF with a 10µF capacitor.
Consider the MAX1178/MAX1188s’ equivalent input
noise (0.6 LSB) when choosing a reference.
Reading the Conversion Result
EOC is provided to flag the µP when a conversion is
complete. The falling edge of EOC signals that the data
is valid and ready to be output to the bus. D0–D15 are
the parallel outputs of the MAX1178/MAX1188. These
tri-state outputs allow for direct connection to a micro-
controller I/O bus. The outputs remain high impedance
during acquisition and conversion. Data is loaded onto
the output bus with the third falling edge of CS with R/C
high (after tDO). Bringing CS high forces the output bus
back to high impedance. The MAX1178/MAX1188 then
wait for the next falling edge of CS to start the next con-
version cycle (Figure 2).
HBEN toggles the output between the high/low byte. The
low byte is loaded onto the output bus when HBEN is
low, and the high byte is on the bus when HBEN is high.
Transfer Function
Figures 8 and 9 show the MAX1178/MAX1188 output
transfer functions. The MAX1178 and MAX1188 outputs
are coded in offset binary.
Input Buffer
Most applications require an input buffer amplifier to
achieve 16-bit accuracy and prevent loading the
source. When the input signal is multiplexed, switch the
channels immediately after acquisition, rather than near
the end of, or after, a conversion. This allows more time
for the input buffer amplifier to respond to a large step
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
10
______________________________________________________________________________________
+5V
68k
100k
150k
0.1
µF
REFADJ
MAX1178
MAX1188
OUTPUT CODE
FULL-SCALE
TRANSITION
FULL-SCALE RANGE (FSR) = +20V
MAX1188
INPUT RANGE = -10V TO +10V
1 LSB =
FSR x VREF
65,536 x 4.096
1111 1111 1111 1111
-32,68
+32,768
INPUT VOLTAGE (LSB)
1111 1111 1111 1110
1111 1111 1111 1101
0000 0000 0000 0011
0000 0000 0000 0010
0000 0000 0000 0001
0000 0000 0000 0000
1000 0000 0000 0000
0001 1111 1111 1111
1000 0000 0000 0001
0
-32,766
-32,767 -32,765
+32,767
+32,766
-1
+1
Figure 7. MAX1178/MAX1188 Reference-Adjust Circuit
OUTPUT CODE
FULL-SCALE
TRANSITION
FULL-SCALE RANGE (FSR) = +1V
MAX1178
INPUT RANGE = -5V TO +5V
1 LSB =
FSR x VREF
65,536 x 4.096
11 1111 1111 1111
-32,768
+32,768
INPUT VOLTAGE (LSB)
11 1111 1111 1110
11 1111 1111 1101
00 0000 0000 0011
00 0000 0000 0010
00 0000 0000 0001
00 0000 0000 0000
10 0000 0000 0000
01 1111 1111 1111
10 0000 0000 0001
0
-32,766
-32,767 -32,765
+32,767
+32,766
-1
+1
Figure 8. MAX1178 Transfer Function
Figure 9. MAX1188 Transfer Function


Similar Part No. - MAX1178BCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1178BCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com