Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S643232H-TC50 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4S643232H-TC50
Description  64Mb H-die (x32) SDRAM Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232H-TC50 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4S643232H-TC50 Datasheet HTML 4Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 5Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 6Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 7Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 8Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 9Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 10Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 11Page - Samsung semiconductor K4S643232H-TC50 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CMOS SDRAM
- 8 -
SDRAM 64Mb H-die (x32)
Rev. 1.3 February. 2004
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
--
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
CAPACITANCE (VDD = 3.3V, TA = 23°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Clock
CCLK
-4
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
-4.5
pF
Address
CADD
-4.5
pF
DQ0 ~ DQ31
COUT
-6.5
pF


Similar Part No. - K4S643232H-TC50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H-TC50 SAMSUNG-K4S643232H-TC50 Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
More results

Similar Description - K4S643232H-TC50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H SAMSUNG-K4S643232H Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
K4S161622H SAMSUNG-K4S161622H Datasheet
108Kb / 11P
   16Mb H-die SDRAM Specification
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com