Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4626 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4626
Description  0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4626 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4626 Datasheet HTML 1Page - Maxim Integrated Products MAX4626 Datasheet HTML 2Page - Maxim Integrated Products MAX4626 Datasheet HTML 3Page - Maxim Integrated Products MAX4626 Datasheet HTML 4Page - Maxim Integrated Products MAX4626 Datasheet HTML 5Page - Maxim Integrated Products MAX4626 Datasheet HTML 6Page - Maxim Integrated Products MAX4626 Datasheet HTML 7Page - Maxim Integrated Products MAX4626 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0.5
Ω, Low-Voltage, Single-Supply
SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, GND = 0, VINH = 2.0V, VINL = 0.6V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
V
0V+
VCOM, VNO,
VNC
Analog Signal Range
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
2.0
VINH
Input Voltage High
µA
-1
1
IIN
Logic Input Current
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
0.9
0.4
0.8
V+ = 2.7V,
VNO or VNC = 1.5V,
ICOM = 100mA
RON
On-Resistance
TA = +25°C
TA = TMIN to TMAX
0.1
RFLAT(ON)
On-Resistance Flatness
(Note 4)
V+ = 2.7V; ICOM = 100mA;
VNO or VNC = 0, 0.75V, 1.5V; TA = +25°C
ns
65
80
VNO or VNC = 1.5V,
Figure 2
tON
Turn-On Time
90
ns
22
40
VNO or VNC = 1.5V,
Figure 2
tOFF
Turn-Off Time
50
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
µA
10
V+ = 5.5V, VIN = 0 or V+
I+
Positive Supply Current
V
1.8
5.5
V+
Power-Supply Range
µA
-1
1
IIN
Logic Input Current
V
2.4
VINH
Input Voltage High
V
0.8
VINL
Input Voltage Low
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LOGIC INPUT
SUPPLY
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: SOT-packaged parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and
correlation.
Note 4: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured over the
specified analog signal range.
Note 5: Off-Isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
pC
30
CL = 1.0nF, Figure 3, VGEN = 0, RGEN = 0,
Ta = +25°C
Q
Charge Injection
V
0.6
VINL
Input Voltage Low
µA
10
V = +3.6V, VIN = 0
I+
Positive Supply Current
ANALOG SWITCH
DYNAMIC
LOGIC INPUT
SUPPLY


Similar Part No. - MAX4626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626EUK MAXIM-MAX4626EUK Datasheet
59Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 8, 2001
MAX4626EUK+T MAXIM-MAX4626EUK+T Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
MAX4626EUK-T MAXIM-MAX4626EUK-T Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
More results

Similar Description - MAX4626

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com