Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3302EEBA-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3302EEBA-T
Description  USB On-the-Go Transceiver and Charge Pump
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3302EEBA-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3302EEBA-T Datasheet HTML 1Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 2Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 3Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 4Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 5Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 6Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 7Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 8Page - Maxim Integrated Products MAX3302EEBA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
USB On-the-Go Transceivers and Charge Pumps
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VCC = +3V to +4.5V, VL = +1.65V to +3.6V, CFLYING = 100nF, CVBUS = 1µF, ESRCVBUS = 0.1
Ω (max), TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = +3.7V, VL = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER CHARACTERISTICS (FULL-SPEED MODE)
D+, D- Rise Time
tR
Figures 2 and 5
4
20
ns
D+, D- Fall Time
tF
Figures 2 and 5
4
20
ns
Rise-/Fall-Time Matching
Figures 2 and 5 (Note 3)
90
110
%
Output-Signal Crossover Voltage
VCRS_F
Figures 2, 6, and 7 (Note 3)
1.3
2.0
V
TRANSMITTER CHARACTERISTICS (LOW-SPEED MODE)
D+, D- Rise Time
tR
Figures 2 and 5
75
300
ns
D+, D- Fall Time
tF
Figures 2 and 5
75
300
ns
Rise-/Fall-Time Matching
Figures 2 and 5
80
125
%
Output-Signal Crossover Voltage
VCRS_L
Figures 2, 6, and 7
1.3
2.0
V
TRANSMITTER TIMING (FULL-SPEED MODE)
tPLH
Low-to-high, Figures 2 and 6
25
Driver Propagation Delay
(DAT_VP, SE0_VM to D+, D-)
tPHL
High-to-low, Figures 2 and 6
25
ns
Driver Disable Delay
tPDZ
Figures 1 and 8
25
ns
Driver Enable Delay
tPZD
Figures 2 and 8
25
ns
TRANSMITTER TIMING (LOW-SPEED MODE) (Low-speed delay timing is dominated by the slow rise and fall times.)
SPEED-INDEPENDENT TIMING CHARACTERISTICS
Receiver Disable Delay
tPVZ
Figure 4
30
ns
Receiver Enable Delay
tPZV
Figure 4
30
ns
D+ Pullup Assertion Time
During HNP
3
µs
RCV Rise Time
tR
Figures 3 and 5, CL = 15pF
4
ns
RCV Fall Time
tF
Figures 3 and 5, CL = 15pF
4
ns
Figures 3 and 10, |D+ - D-| to DAT_VP
30
Differential-Receiver Propagation
Delay
tPHL, tPLH
Figures 3 and 9, |D+ - D-| to RCV
30
ns
Single-Ended-Receiver
Propagation Delay
tPHL, tPLH
Figures 3 and 9, D+, D- to DAT_VP,
SE0_VM
30
ns
Interrupt Propagation Delay
100
µs
VBUS_CHRG Propagation Delay
Dominated by the VBUS rise time
0.2
µs
Time to Exit Shutdown
1µs
Shutdown Delay
10
µs


Similar Part No. - MAX3302EEBA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
2Mb / 9P
   5V, 500mA DC power supply
Rev 1; 4/21
MAX33011E MAXIM-MAX33011E Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33011EASA++ MAXIM-MAX33011EASA+ Datasheet
413Kb / 22P
   5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
MAX33012E MAXIM-MAX33012E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
More results

Similar Description - MAX3302EEBA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com