Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4626EUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4626EUK-T
Description  0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4626EUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4626EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4626EUK-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4626/MAX4627/MAX4628 are low-on-resis-
tance, low-voltage, single-pole/single-throw (SPST)
analog switches that operate from a +1.8V to +5.5V sin-
gle supply. The MAX4626 is normally open (NO), and
the MAX4627 is normally closed (NC). The MAX4628 is
normally open (NO) and has two control inputs. These
devices also have fast switching speeds (tON = 50ns
max, tOFF = 30ns max).
When powered from a +5V supply, the MAX4626/
MAX4627/MAX4628 offer 0.5
Ω max on-resistance
(RON) with 0.1
Ω max RON flatness, and their digital
logic inputs are TTL compatible. These switches also
feature overcurrent protection to prevent device dam-
age from short circuits and excessive loads.
The MAX4626 is pin compatible with the MAX4514, and
the MAX4627 is pin compatible with the MAX4515. The
MAX4626/MAX4627 are available in SOT23-5 pack-
ages; the MAX4628 is available in a SOT23-6 package.
Applications
Power Routing
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
PCMCIA Cards
Cellular Phones
Modems
Hard Drives
Features
o Low RON
0.5
Ω max (+5V Supply)
0.9
Ω max (+3V Supply)
o 0.1Ω max RON Flatness (+5V Supply)
o Overcurrent Protection
o Single-Supply Operation (+1.8V to +5.5V)
o Available in SOT23 Packages
o Fast Switching: tON = 50ns max, tOFF = 30ns max
o TTL-Logic Compatible at +5V
o Pin Compatible with MAX4514 (MAX4626)
Pin Compatible with MAX4515 (MAX4627)
0.5
Ω, Low-Voltage, Single-Supply
SPST Analog Switches
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
NO
IN
SWITCHES SHOWN FOR LOGIC "0" INPUT.
GND
15
V+
COM
SOT23-5
2
3
4
MAX4626
LOGIC
0
1
SWITCH
OFF
ON
NC
IN
GND
15
V+
COM
SOT23-5
2
3
4
NO
GND
1
6
V+
5
IN
COM
SOT23-6
2
3
4
MAX4626
MAX4627
MAX4628
MAX4627
LOGIC
0
1
SWITCH
ON
OFF
IN
SWITCH
OFF
ON
OFF
OFF
IN
0
1
0
1
0
0
1
1
MAX4628
IN
19-1633; Rev 0; 1/00
PART
MAX4626EUK-T
MAX4627EUK-T
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
5 SOT23-5
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information
TOP
MARK
ADMJ
ADMK
MAX4628EUT-T
-40°C to +85°C
AADN
6 SOT23-6


Similar Part No. - MAX4626EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626EUK-T MAXIM-MAX4626EUK-T Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
More results

Similar Description - MAX4626EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com