Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F1G16U0M Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F1G16U0M
Description  128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G16U0M Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F1G16U0M Datasheet HTML 7Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 8Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 9Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 10Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 11Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 12Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 13Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 14Page - Samsung semiconductor K9F1G16U0M Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
FLASH MEMORY
11
K9F1G08D0M
K9F1G16Q0M
K9F1G08U0M
K9F1G16U0M
K9F1G08Q0M
K9F1G16D0M
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
NOTE : VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for durations of 20 ns or less.
Parameter
Symbol
Test Conditions
K9F1GXXX0M
Unit
1.8V
2.65V
3.3V
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Operating
Current
Page Read with
Serial Access
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-
8
15
-
10
20
-
10
20
mA
Program
ICC2
-
-
8
15
-
10
20
-
10
20
Erase
ICC3
-
-
8
15
-
10
20
-
10
20
Stand-by Current(TTL)
ISB1
CE=VIH, WP=PRE=0V/VCC
-
-
1
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2,
WP=PRE=0V/VCC
-
10
50
-
10
50
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±10
-
-
±10
-
-
±10
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±10
-
-
±10
-
-
±10
Input High Voltage
VIH*
-
VCC
-0.4
-
VCC
+0.3
VCC
-0.4
-
VCC
+0.3
2.0
-
VCC
+0.3
V
Input Low Voltage, All inputs
VIL*
-
-0.3
-
0.4
-0.3
-
0.5
-0.3
-
0.8
Output High Voltage Level
VOH
K9F1GXXQ0M :IOH=-100
µA
K9F1GXXD0M :IOH=-100
µA
K9F1GXXU0M :IOH=-400
µA
Vcc
-0.1
-
-
VCCQ
-0.4
-
-
2.4
-
-
Output Low Voltage Level
VOL
K9F1GXXQ0M :IOL=100uA
K9F1GXXD0M :IOL=100
µA
K9F1GXXU0M :IOL=2.1mA
-
-
0.1
-
-
0.4
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
K9F1GXXQ0M :VOL=0.1V
K9F1GXXD0M :VOL=0.1V
K9F1GXXU0M :VOL=0.4V
3
4
-
3
4
-
8
10
-
mA


Similar Part No. - K9F1G16U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G16U0M-PCB0 SAMSUNG-K9F1G16U0M-PCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G16U0M-PIB0 SAMSUNG-K9F1G16U0M-PIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G16U0M-YCB0 SAMSUNG-K9F1G16U0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G16U0M-YIB0 SAMSUNG-K9F1G16U0M-YIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
More results

Similar Description - K9F1G16U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com