Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20TYS9 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 20TYS9
Description  COMPACT 3-PHASE 4-WIRE FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20TYS9 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  20TYS9 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10TYG9
20TYS9
G
N
L3
E
N
L2
I
L1
L
Cy
Cx
N
D
A
L3
O
L2
L
L
L
L
L1
Cx
Cx
COMPACT 3-PHASE 4-WIRE FILTERS
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 440VAC
3. Operating frequency: 50/60Hz
7-13
INCH
UNIT:
mm
INTRODUCTIONS
ELECTRICAL SCHEMATIC
MECHANICAL CONSTRUCTION
MINIMUM INSERTION LOSS IN dB
FREQUENCY_MHz
CURRENT
TYPE
RATING
.15
.50
1.0
5.0
10
30
10TYG9
10A
10
20
20
20
30
25
20TYS9
20A
10
15
20
35
40
25
10TYG9
10A
10
20
25
25
30
30
20TYS9
20A
10
15
20
20
25
20
COMMONMODE(L-G)IN50OHMSYSTEM
DIFFERENTIALMODE(L-L)IN50OHMSYSTEM
SERIES
COMPONENT
10TYG9
0.3
4700
0.1
20TYS9
0.15
22000
PART NO.
L(mH)
Cx(uF)
Cy(pF)
*
UL approved 250 VAC.
*
1.732
0.0236
1.122
1.594
0.433
3.346
2.953
2.559
85.0
75.0
65.0
44.0
28.5
0.6
40.5
11.0
2.953
2.559
75.0
65.0
3.839
94.0
1.732
1.122
0.433
44.0
28.5
11.0
0.0236
0.6


Similar Part No. - 20TYS9

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20T NELLSEMI-20T Datasheet
595Kb / 5P
   Medium current triac
20T NELLSEMI-20T Datasheet
595Kb / 5P
   TRIACs
logo
Advanced Power Electron...
20T03GH A-POWER-20T03GH Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
20T03GJ VBSEMI-20T03GJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
20T03GJ-HF VBSEMI-20T03GJ-HF Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 20TYS9

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
TYT DELTA-TYT Datasheet
335Kb / 3P
   HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
TDV DELTA-TDV Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
TDH DELTA-TDH Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com