Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB10100CT Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # MBRB10100CT
Description  MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MBRB10100CT Datasheet(HTML) 2 Page - Vaishali Semiconductor

  MBRB10100CT Datasheet HTML 1Page - Vaishali Semiconductor MBRB10100CT Datasheet HTML 2Page - Vaishali Semiconductor MBRB10100CT Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR10H90CT
MBR10H100CT
Unit
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current
Total device
10
at TC = 105°C
Per leg
IF(AV)
5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
150
A
on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2
µs, 1KHZ
IRRM
0.5
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH
≤ 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous
at IF = 5.0A, TJ = 25°C
0.76
forward voltage per leg(4)
at IF = 5.0A, TJ = 125°C
VF
0.61
V
at IF = 10A, TJ = 25°C
0.85
at IF = 10A, TJ = 125°C
0.71
Maximum reverse current per leg
TJ = 25°C
3.5
µA
at working peak reverse voltage (Note 4)
TJ = 100°C
IR
4.5
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance per leg
R
θJC
2.2
4.2
2.2
O
C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR10H90CT, MBR10100CT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
MBRF10H90CT, MBRF10100CT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB10H90CT, MBRB10100CT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88668
2
24-Apr-03


Similar Part No. - MBRB10100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB10100CT VISHAY-MBRB10100CT Datasheet
78Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
First Silicon Co., Ltd
MBRB10100CT FS-MBRB10100CT Datasheet
321Kb / 3P
   Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
logo
Galaxy Semi-Conductor H...
MBRB10100CT BILIN-MBRB10100CT Datasheet
337Kb / 2P
   2SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBRB10100CT SMCDIODE-MBRB10100CT Datasheet
261Kb / 4P
   MBRB10100CT SCHOTTKY RECTIFIER
Rev. A
logo
Micro Commercial Compon...
MBRB10100CT MCC-MBRB10100CT Datasheet
455Kb / 3P
   10 Amp Schottky Barrier Rectifier 100 Volts
More results

Similar Description - MBRB10100CT

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com