Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-CB3E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CB3E
Description  Compact form factor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CB3E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-CB3E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ALMD-EL3E, ALMD-EG3E, ALMD-CM3E, ALMD-CB3E
High Brightness SMT Round
Red, Amber, Green and Blue LED Lamps
Data Sheet
Features
• Compact form factor
• High brightness material
• Available in Red, Amber, Green and Blue color
• Red AlInGaP 626 nm
• Amber AlInGaP 590 nm
• Green InGaN 525 nm
• Blue InGaN 470 nm
• JEDEC MSL 2A
• Compatible with reflow soldering process
• Tinted lens
• Typical viewing angle: 30°
Applications
• Full color signs
• Mono color signs
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ± 0.20 mm, unless otherwise specified.
3. Mildsteel leadframe.
Description
The new Avago ALMD-xx3E LED series has the same or
just slightly less luminous intensity than conventional
high brightness, through-hole LEDs.
The new LED lamps can be assembled using common
SMT assembly processes and are compatible with indus-
trial reflow soldering processes.
The LEDs are made with an advanced optical grade epoxy
for superior performance in outdoor sign applications.
For easy pick and place assembly, the LEDs are shipped in
tape and reel. Every reel is shipped from a single intensity
and color bin– except the red color–for better uniformity.
Package Dimensions
CAUTION: InGaN devices are Class 1C HBM ESD sensitive, AlInGaP devices are Class 1B ESD sensitive per JEDEC Standard.
Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
CAUTION: Customer is advised to always keep the LED in the MBB with <5% RH when not in use as prolonged exposure to
environment might cause the silver-plated leads to tarnish or rust, which might cause difficulties in soldering.
A
1.60
± 0.50
2.50
3.40
± 0.50
6.50
± 0.50
C
1.4 (4×)
1.00
Package Marking
C
C
A
A
4.20
4.20
4.75
± 0.50
A: Anode
C: Cathode


Similar Part No. - ALMD-CB3E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CB3D-RT002 AVAGO-ALMD-CB3D-RT002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CB3D-SU002 AVAGO-ALMD-CB3D-SU002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-CB3D-SU002 BOARDCOM-ALMD-CB3D-SU002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
More results

Similar Description - ALMD-CB3E

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com