Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-FG70-NFJ00 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-FG70-NFJ00
Description  Surface Mount Auto Focus Auxiliary LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-FG70-NFJ00 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-FG70-NFJ00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-FG70-NFJ00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-FG70-NFJ00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-FG70-NFJ00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-FG70-NFJ00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-3228EN - January 6, 2012
Tape leader and trailer
END
Updated tape more
than 160 mm
Leading part more
than 400 mm
START
Mounted
with LED
Recommended Reflow Soldering Profile
Recommended Soldering Land Pattern
217° C
200° C
60 - 120 SEC.
6°C/SEC. MAX.
3°C/SEC. MAX.
150° C
255 - 260° C
100 SEC. MAX.
10 to 30 SEC.
TIME
(Acc. to J-STD-020C)
3°C/SEC. MAX.
1.20
3.00
2.80
1.60
Unit: mm
Tape Dimensions
1. Unit: millimeters.
2. Tolerance ± 0.1 mm unless otherwise specified.
P
P2
Po
± 0.10
± 0.10
+0.10
–0.00
± 0.10
± 0.10
± 0.30
± 0.10
F
Po
P2
P
E
W
D
4.00
1.50
2.00
5.50
1.75
12.00
8.00


Similar Part No. - ASMT-FG70-NFJ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-FG10-NFJ00 AVAGO-ASMT-FG10-NFJ00 Datasheet
274Kb / 7P
   Surface Mount AF Lamp
More results

Similar Description - ASMT-FG70-NFJ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-FJ70-AFJ00 AVAGO-ASMT-FJ70-AFJ00 Datasheet
89Kb / 5P
   Surface Mount Auto Focus Auxiliary LED
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
logo
List of Unclassifed Man...
26700-203 ETC2-26700-203 Datasheet
72Kb / 1P
   Auto-Focus Mighty Scope
logo
Hamamatsu Corporation
L4492 HAMAMATSU-L4492 Datasheet
105Kb / 2P
   Low forward voltage LED for camera auto-focus
logo
ON Semiconductor
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
logo
Aven, Inc.
26100-258 AVEN-26100-258 Datasheet
640Kb / 2P
   Auto Focus HDMI/USB/SD
logo
Macronix International
MX171 MCNIX-MX171 Datasheet
37Kb / 7P
   AMPLITUDE TYPE AUTO FOCUS IC
logo
ON Semiconductor
ENA2190 ONSEMI-ENA2190 Datasheet
76Kb / 4P
   AF(Auto Focus) Control LSI
June, 2013 Ver.1.3
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com