Electronic Components Datasheet Search |
|
C322C104K5R5TA Datasheet(PDF) 1 Page - Kemet Corporation |
|
C322C104K5R5TA Datasheet(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page Generated - 7660c497-ec80-4b39-967a-dbd297e66a4b KEMET Part Number: C322C104K5R5TA Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm Dimensions L 5.08mm MAX H 5.84mm MAX T 3.18mm MAX S 5.08mm NOM LL 7mm MIN F 0.51mm NOM Packaging Specifications Packaging: Bulk, Bag Packaging Quantity: 500 General Information Style: Radial Series: GoldMax Description: GoldMax, Commercial Standard RoHS: Yes Termination: Tin Failure Rate: N/A Specifications Capacitance: 0.1 uF Capacitance Tolerance: 10% Voltage DC: 50 VDC Temperature Range: -55/+125C Temperature Coefficient: X7R Dissipation Factor: 2.5% Aging Rate: 3% Loss/Decade Hour Insulation Resistance: 10 GOhms Dielectric Strength: 125 V © 2006 - 2017 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. |
Similar Part No. - C322C104K5R5TA |
|
Similar Description - C322C104K5R5TA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |