Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N35S-TA1 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # 4N35S-TA1
Description  Photocoupler Product Data Sheet
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

4N35S-TA1 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button 4N35S-TA1 Datasheet HTML 4Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 5Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 6Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 7Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 8Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 9Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 10Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 11Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
CHARACTERISTICS CURVES
F ig .1 F o rw a rd C u rre n t v s . A m b ie n t
F ig .2 C o lle c to r P o w e r D is s ip a tio n v s .
A m b ie n t T e m p e ra tu re
F ig .3 F o rw a rd C u rre n t v s . F o rw a rd
F
60
80
40
100
20
0
-55
0
25
50
75
125
100
100 125
75
50
25
0
-55
0
200
300
400
500
10
1
200
100
50
20
2
5
3.0
2.5
2.0
1.5
1.0
0.5
0
Ta= 75 C
50 C
25 C
0 C
-25 C
10
15
5
50
20
F
5m A
2m A
Pc (M AX.)
I = 15m A
Ta= 25 C
Ta= 25 C
V
= 10V
30
20
0
0
5
2
10
1
0
F
C o lle c to r-e m itte r V o lta g e
F ig .5 C o lle c to r C u rre n t v s .
F o rw a rd C u rre n t
F ig .4 C u rre n t T ra n s fe r R a tio v s .
-25
-25
0.1 0.2
0.5
100
10m A
100
20
40
60
80
100
120
140
160
R =
10
F ig .6 R e la tiv e C u rre n t T ra n s fe r R a tio
v s . A m b ie n t T e m p e ra tu re
150
100
50
0
-55
0
25
50
75
100
-25
Am b ient tem p erature Ta ( C )
Fo rw ard vo ltag e V (V)
C o llec to r-em itter vo ltag e V
(V)
Am b ient tem p erature Ta ( C )
Fo rw ard c urrent I (m A)
Am b ient tem p erature Ta ( C )
T e m p e ra tu re
o
o
o
o
o
o
o
o
o
o
100k
100k
V o lta g e
VCE= 10V
I F= 10m A
Part No. : 4N35 / 4N37 ( M, S, S-TA1 ) (Rev.- October 17 2011)
Page :
8 of 11
BNS-OD-C131/A4


Similar Part No. - 4N35S-TA1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N35S-M FAIRCHILD-4N35S-M Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - 4N35S-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
logo
Everlight Electronics C...
EL817L EVERLIGHT-EL817L Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
logo
List of Unclassifed Man...
EL815 ETC-EL815 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
   Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com