Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68C912B32FU8 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC68C912B32FU8
Description  16-Bit Microcontroller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68C912B32FU8 Datasheet(HTML) 2 Page - Motorola, Inc

  MC68C912B32FU8 Datasheet HTML 1Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 2Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 3Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 4Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 5Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 6Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 7Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 8Page - Motorola, Inc MC68C912B32FU8 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
MOTOROLA
MC68HC912B32
2
MC68HC912B32TS/D
— Programmable Center-Aligned or Left-Aligned Outputs
• Serial Interfaces
— Asynchronous Serial Communications Interface (SCI)
— Synchronous Serial Peripheral Interface (SPI)
— J1850 Byte Data Link Communication (BDLC)
• COP Watchdog Timer, Clock Monitor, and Periodic Interrupt Timer
• 80-Pin QFP Package
— Up to 63 General-Purpose I/O Lines
— 2.7V–5.5V Operation at 8 MHz
• Single-Wire Background Debug™ Mode (BDM)
• On-Chip Hardware Breakpoints
1.2 Ordering Information
The MC68HC912B32 is packaged in 80-pin quad flat pack (QFP) packaging and is shipped in two-piece
sample packs, 50-piece trays, or 250-piece bricks. Operating temperature range and voltage require-
ments are specified when ordering the MC68HC912B32 device. Refer to Table 1 for part numbers.
NOTE: This part is also available in 2-piece sample packs and 250-piece bricks.
Evaluation boards, assemblers, compilers, and debuggers are available from Motorola and from third-
party suppliers. An up-to-date list of products that support the M68HC12 family of microcontrollers can
be found on the World Wide Web at the following URL:
http://www.mcu.motsps.com
Documents to assist in product selection are available from the Motorola Literature Distribution Center
or your local Motorola Sales Office:
AMCU Device Selection Guide (SG166/D)
AMCU Software and Development Tool Selector Guide (SG176/D)
Table 1 MC68HC912B32 Device Ordering Information
Order Number
Temperature
Voltage
Frequency
Package
Range
Designator
MC68HC912B32FU8
0 to
+70 °C—
4.5V–5.5V
8 MHz
80-Pin QFP
Single Tray
50 Pcs
MC68HC912B32CFU8
−40 to +85 °CC
MC68HC912B32VFU8
−40 to +105 °CV
MC68HC912B32MFU8
−40 to +125 °CM
MC68C912B32FU8
0 to
+70 °C—
2.7V–3.6V
MC68C912B32CFU8
−40 to +85 °CC
MC68B912B32FU8
0 to
+70 °C
2.7V–5.5V


Similar Part No. - MC68C912B32FU8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68C812A4 FREESCALE-MC68C812A4 Datasheet
770Kb / 18P
   Technical Supplement MC68C812A4 3.3V Electrical Characteristics
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68CK16Z1 FREESCALE-MC68CK16Z1 Datasheet
5Mb / 500P
   M68HC16Z Series
More results

Similar Description - MC68C912B32FU8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com