Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L816BSRD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # L816BSRD
Description  10MM BLINKING LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L816BSRD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  L816BSRD Datasheet HTML 1Page - List of Unclassifed Manufacturers L816BSRD Datasheet HTML 2Page - List of Unclassifed Manufacturers L816BSRD Datasheet HTML 3Page - List of Unclassifed Manufacturers L816BSRD Datasheet HTML 4Page - List of Unclassifed Manufacturers L816BSRD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAA4471
REV NO: V.1
DATE: OCT/10/2001
PAGE: 5 OF 5
APPROVED: J.Lu
CHECKED:
DRAWN: X.H.Fu
Yellow L816BYD
Super Bright Red L816BSRD/B,L816SRC/B


Similar Part No. - L816BSRD

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L816 SUPERWORLD-L816 Datasheet
605Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816-1R0MF SUPERWORLD-L816-1R0MF Datasheet
605Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816-1R2MF SUPERWORLD-L816-1R2MF Datasheet
605Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816-1R4MF SUPERWORLD-L816-1R4MF Datasheet
605Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816-2R2MF SUPERWORLD-L816-2R2MF Datasheet
605Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L816BSRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E816 ETC-E816 Datasheet
70Kb / 4P
   10mm BLINKING LED LAMPS
logo
Micro Electronics
MGB557D MICRO-ELECTRONICS-MGB557D Datasheet
47Kb / 1P
   BLINKING LED LAMPS
MOB557TA MICRO-ELECTRONICS-MOB557TA Datasheet
41Kb / 1P
   BLINKING LED LAMPS
MSB557D MICRO-ELECTRONICS-MSB557D Datasheet
44Kb / 1P
   BLINKING LED LAMPS
MSB556DA MICRO-ELECTRONICS-MSB556DA Datasheet
43Kb / 1P
   BLINKING LED LAMPS
MSB557DA-O MICRO-ELECTRONICS-MSB557DA-O Datasheet
44Kb / 1P
   BLINKING LED LAMPS
MSB557TA-4 MICRO-ELECTRONICS-MSB557TA-4 Datasheet
44Kb / 1P
   BLINKING LED LAMPS
MSB557TA-HZ2 MICRO-ELECTRONICS-MSB557TA-HZ2 Datasheet
43Kb / 1P
   BLINKING LED LAMPS
MSB557DA MICRO-ELECTRONICS-MSB557DA Datasheet
48Kb / 1P
   BLINKING LED LAMPS
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5 Datasheet
42Kb / 1P
   BLINKING LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com