Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-YTB7-0AA02 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-YTB7-0AA02
Description  Tricolor PLCC6 Black Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-YTB7-0AA02 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-YTB7-0AA02 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB7-0AA02 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Color Bin Limit
Red Color Bin Table
Bin
ID
Dominant
Wavelength
Chromaticity Coordinate
Min
Max
Full
range
617.0
627.0
x
0.6850 0.6815
0.7000
0.7037
y
0.3149 0.3150
0.2966
0.2962
Tolerance of each bin limit is ± 1 nm
Green Color Bin Table
Bin
ID
Min
Dom
Max
Dom
Chromaticity Coordinate
A
525.0
531.0
x
0.1142
0.1624
0.2001
0.1625
y
0.8262
0.7178
0.6983
0.8012
B
528.0
534.0
x
0.1387
0.1815
0.2179
0.1854
y
0.8148
0.7089
0.6870
0.7867
C
531.0
537.0
x
0.1625
0.2001
0.2353
0.2077
y
0.8012
0.6983
0.6747
0.7711
Tolerance of each bin limit is ± 1 nm
Blue Color Bin Table
Bin
ID
Min
Dom
Max
Dom
Chromaticity Coordinate
A
465.0
469.0
x
0.1355
0.1751
0.168
0.127
y
0.0399
0.0986
0.1094
0.053
B
467.0
471.0
x
0.1314
0.1718
0.1638
0.122
y
0.0459
0.1034
0.1167
0.063
C
469.0
473.0
x
0.1267
0.168
0.1593
0.116
y
0.0534
0.1094
0.1255
0.074
D
471.0
475.0
x
0.1215
0.1638
0.1543
0.1096
y
0.0626
0.1167
0.1361
0.0868
Tolerance f each bin limit is ± 1 nm
Intensity Bin Select (X2, X3)
Individual reel will contain parts from 1 half bin only
X2
Min Iv Bin (Minimum Intensity Bin)
Red
Green
Blue
AU2
W2
T1
X3
Number of Intensity bin from X2
Red
Green
Blue
A3
3
3
Color Bin Select (X4)
Individual Reel will contain part from 1 full bin only
X4
Color Bin Combinations
Red
Green
Blue
0
Full distribution
A,B,C
A,B,C,D
Intensity Bin Limits
Bin ID
Min (mcd)
Max (mcd)
U2
560.0
715.0
V1
715.0
900.0
V2
900.0
1125.0
W1
1125.0
1400.0
W2
1400.0
1800.0
X1
1800.0
2240.0
X2
2240
2850
Tolerance of each bin limit ± 12%


Similar Part No. - ASMT-YTB7-0AA02

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
More results

Similar Description - ASMT-YTB7-0AA02

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB8-0BA02 AVAGO-ASMT-YTB8-0BA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 Black Surface LED
ASMB-TTB2-0C3A2 AVAGO-ASMB-TTB2-0C3A2 Datasheet
1Mb / 14P
   Tall Black Surface PLCC6 Tricolor LED
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD7-0AA02 AVAGO-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD2 AVAGO-ASMT-YTD2 Datasheet
170Kb / 11P
   High Brightness Tricolor PLCC6 White Surface Mount LED
ASMT-YTB0-0AA02 AVAGO-ASMT-YTB0-0AA02 Datasheet
296Kb / 11P
   PLCC-6 Surface Mount Tricolor LED
ASMT-QTC0-0XXXX AVAGO-ASMT-QTC0-0XXXX Datasheet
527Kb / 10P
   PLCC-4 Black Body Surface Mount Tricolor LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com