Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-YTD7-0AA02 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-YTD7-0AA02
Description  Tricolor PLCC6 White Surface LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-YTD7-0AA02 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-YTD7-0AA02 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD7-0AA02 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Avago Technologies
- 5 -
ASMT-YTD7-0AA02
Data Sheet
Table 4. Bin Information
Table 4. Bin Information
Intensity Bins (CAT)
Tolerance: ±12%
Color Bins (BIN) – Green
Tolerance: ±1 nm.
Color Bins (BIN) – Red
Tolerance: ±1 nm.
Color Bins (BIN) – Blue
Tolerance: ±1 nm.
Bin ID
Luminous Intensity (mcd)
Min
Max
T1
285
355
T2
355
450
U1
450
560
U2
560
715
V1
715
900
V2
900
1125
W1
1125
1400
W2
1400
1800
X1
1800
2240
X2
2240
2850
Bin ID
Dominant Wavelength
(nm)
Chromaticity Coordinate
(for Reference)
Min.
Max.
Cx
Cy
A
525.0
531.0
0.1142
0.8262
0.1624
0.7178
0.2001
0.6983
0.1625
0.8012
B
528.0
534.0
0.1387
0.8148
0.1815
0.7089
0.2179
0.6870
0.1854
0.7867
C
531.0
537.0
0.1625
0.8012
0.2001
0.6983
0.2353
0.6747
0.2077
0.7711
Bin ID
Dominant Wavelength
(nm)
Chromaticity Coordinate
(for Reference)
Min.
Max.
Cx
Cy
617.0
627.0
0.6850
0.3149
0.6815
0.3150
0.7000
0.2966
0.7037
0.2962
Bin ID
Dominant Wavelength
(nm)
Chromaticity coordinate
(for Reference)
Min.
Max.
Cx
Cy
A
465.0
469.0
0.1355
0.0399
0.1751
0.0986
0.1680
0.1094
0.1267
0.0534
B
467.0
471.0
0.1314
0.0459
0.1718
0.1034
0.1638
0.1167
0.1215
0.0626
C
469.0
473.0
0.1267
0.0534
0.1680
0.1094
0.1593
0.1255
0.1158
0.0736
D
471.0
475.0
0.1215
0.0626
0.1638
0.1167
0.1543
0.1361
0.1096
0.0868


Similar Part No. - ASMT-YTD7-0AA02

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
More results

Similar Description - ASMT-YTD7-0AA02

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD2 AVAGO-ASMT-YTD2 Datasheet
170Kb / 11P
   High Brightness Tricolor PLCC6 White Surface Mount LED
ASMT-YTB8-0BA02 AVAGO-ASMT-YTB8-0BA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 Black Surface LED
ASMT-YTB7-0AA02 AVAGO-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-TTB2-0C3A2 AVAGO-ASMB-TTB2-0C3A2 Datasheet
1Mb / 14P
   Tall Black Surface PLCC6 Tricolor LED
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
List of Unclassifed Man...
QBLP679-IW ETC2-QBLP679-IW Datasheet
423Kb / 8P
   PLCC6 White LED
QBLP679-IWK-WW ETC1-QBLP679-IWK-WW Datasheet
633Kb / 11P
   PLCC6 White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com