Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBCU-5710R Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HBCU-5710R
Description  Designed for Industry-Standard MSA-Compliant, Small Form Factor Pluggable (SFP) Ports
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HBCU-5710R Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HBCU-5710R Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HBCU-5710R Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Figure 3: MDI ( RJ 45 Jack) Pin Assignment
PIN 1
PIN 8
Electromagnetic Interference (EMI)
Most equipment designs utilizing these high-speed trans-
ceivers from Avago Technologies will be required to meet
the requirements of FCC in the United States, CENELEC
EN55022 (CISPR 22A) in Europe and VCCI in Japan.
The metal housing and shielded design of the HBCU-
5710R minimize the EMI challenge facing the host
equipment designer. These transceivers provide superior
EMI performance. This greatly assists the designer in the
management of the overall system EMI performance.
Flammability
The HBCU-5710R electrical transceiver housing is made
of metal and high strength, heat resistant, chemi-
cally resistant, and UL 94V-0 flame retardant plastic.
Caution
There are no user serviceable parts nor any maintenance
required for the HBCU-5710R. Tampering with or modi-
fying the performance of the HBCU-5710R will result in
voided product warranty. It may also result in improper
operation of the HBCU-5710R circuitry, and possible
overstress of the RJ 45 connector. Device degradation
or product failure may result. Connection of the HBCU-
5710R to a non-approved other 1000BASE-T module,
operating above the recommended absolute maximum
conditions or operating the HBCU-5710R in a manner
inconsistent with its design and function may result in
hazardous radiation exposure and may be considered an
act of modifying or manufacturing an electrical module
product.
Application Support
Evaluation Kit
To help you in your preliminary transceiver evaluation,
Avago Technologies offers a 1.25 GBd Gigabit Ethernet
evaluation board. This board will allow testing of the
electrical parameters of transceiver. Please contact your
local Field Sales representative for availability and order-
ing details.
Reference Designs
Reference designs for the HBCU-5710R electrical trans-
ceiver and the HDMP-1636A physical layer IC are avail-
able to assist the equipment designer. Figure 4 depicts a
typical application configuration, while Figure 5 depicts
the MSA power supply filter circuit design. Please con-
tact your local Field Sales engineer for more information
regarding application tools.
Regulatory Compliance
See Table 1 for transceiver Regulatory Compliance perfor-
mance. The overall equipment design will determine the
certification level. The transceiver performance is offered
as a figure of merit to assist the designer.
Electrostatic Discharge (ESD)
There are two conditions in which immunity to ESD
damage is important. Table 1 documents our immunity
to both of these conditions. The first condition is during
handling of the transceiver prior to insertion into the
transceiver port. To protect the transceiver, it is impor-
tant to use normal ESD handling precautions. These
precautions include using grounded wrist straps, work
benches, and floor mats in ESD controlled areas. The ESD
sensitivity of the HBCU-5710R is compatible with typical
industry production environments. The second condition
is static discharges to the exterior of the host equipment
chassis after installation. To the extent that the RJ45 con-
nector interface is exposed to the outside of the host
equipment chassis, it may be subject to system-level ESD
requirements. The ESD performance of the HBCU-5710R
exceeds typical industry standards.
Immunity
Equipment hosting the HBCU-5710R modules will be sub-
jected to radio-frequency electromagnetic fields in some
environments. The transceivers have good immunity to
such fields due to their shielded design.


Similar Part No. - HBCU-5710R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HBCU-5710R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-57E6APZ-HT BOARDCOM-AFBR-57E6APZ-HT Datasheet
681Kb / 18P
   Industry standard Small Form Pluggable (SFP) package
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
   Small Form-Factor Pluggable (SFP) and zSFP
logo
Molex Electronics Ltd.
0759510999 MOLEX9-0759510999 Datasheet
109Kb / 2P
   Small Form Factor Pluggable (SFP) Dust Plug
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911L AVAGO-HFBR-5911L Datasheet
200Kb / 12P
   Industry standard small form factor (SFF) package
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com