Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-2179 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2179
Description  Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2179 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-2179 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2179 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Optical Characteristics at 25
°C[4]
VDD = 5.0 V at Full Brightness
High Efficiency Red HDSP-2132
Description
Symbol
Minimum
Typical
Units
Luminous Intensity Character Average (#)
IV
2.5
7.5
mcd
Peak Wavelength
lPEAK
635
nm
Dominant Wavelength
ld
626
nm
Orange HDSP-2179
Description
Symbol
Minimum
Typical
Units
Luminous Intensity Character Average (#)
IV
2.5
7.5
mcd
Peak Wavelength
lPEAK
600
nm
Dominant Wavelength
ld
602
nm
Yellow HDSP-2131
Description
Symbol
Minimum
Typical
Units
Luminous Intensity Character Average (#)
IV
2.5
7.5
mcd
Peak Wavelength
lPEAK
583
nm
Dominant Wavelength
ld
585
nm
High Performance Green HDSP-2133
Description
Symbol
Minimum
Typical
Units
Luminous Intensity Character Average (#)
IV
2.5
7.5
mcd
Peak Wavelength
lPEAK
568
nm
Dominant Wavelength
ld
574
nm
Note:
4. Refers to the initial case temperature of the device immediately prior to the light measurement.


Similar Part No. - HDSP-2179

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2179 HP-HDSP-2179 Datasheet
228Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2179 BOARDCOM-HDSP-2179 Datasheet
859Kb / 18P
   Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
More results

Similar Description - HDSP-2179

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Agilent(Hewlett-Packard...
HDSP-2131 HP-HDSP-2131 Datasheet
228Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
   Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-665X HP-HDSP-665X Datasheet
948Kb / 17P
   FOUR CHARACTER 5 mm HERMETIC 5x7 ALPHANUMERIC DISPLAYS FOR AVIONIC APPLICATIONS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com