Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6047715 Datasheet(PDF) 4 Page - SICK AG

Part # 6047715
Description  TEMPERATURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6047715 Datasheet(HTML) 4 Page - SICK AG

  6047715 Datasheet HTML 1Page - SICK AG 6047715 Datasheet HTML 2Page - SICK AG 6047715 Datasheet HTML 3Page - SICK AG 6047715 Datasheet HTML 4Page - SICK AG 6047715 Datasheet HTML 5Page - SICK AG 6047715 Datasheet HTML 6Page - SICK AG 6047715 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
THTS-1AAT50506MZ | THTS
TEMPERATURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Tri-clamp connection ½”, ¾”
(
0.24)
6
(
0.98)
25
M12 x 1
(
0.75)
19
(
0.24)
6
(
0.98)
25
(
0.75)
19
M12 x 1
All dimensions in mm (inch)
Pt100, 4 mA ... 20 mA,
up to 150°C
Pt100, 4 mA ... 20 mA,
up to 250°C
Application
4
FLUID SENSORS | SICK
Online data sheet | 2017-03-14 16:25:09
Subject to change without notice


Similar Part No. - 6047715

ManufacturerPart #DatasheetDescription
logo
SICK AG
6047710 SICK-6047710 Datasheet
812Kb / 7P
   TEMPERATURE SENSORS
6047711 SICK-6047711 Datasheet
812Kb / 7P
   TEMPERATURE SENSORS
6047712 SICK-6047712 Datasheet
813Kb / 7P
   TEMPERATURE SENSORS
6047713 SICK-6047713 Datasheet
813Kb / 7P
   TEMPERATURE SENSORS
6047714 SICK-6047714 Datasheet
812Kb / 7P
   TEMPERATURE SENSORS
More results

Similar Description - 6047715

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com