Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA412.A.BI.003 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA412.A.BI.003
Description  Worldwide 4G Bands including 3G and 2G
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA412.A.BI.003 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA412.A.BI.003 Datasheet HTML 1Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 2Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 3Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 4Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 5Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 6Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 7Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 8Page - Taoglas antenna solutions MA412.A.BI.003 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
SPE-15-8-041/C/EW
Page 4 of 54
2. Specification
4G/3G/2G MIMO1 Antenna
Frequency (MHz)
LTE700
GSM850
GSM900
DCS
PCS
UMTS1
LTE2600
LTE3500
698~803 824~894 880~960 1710~1880 1850~1990 1920~2170 2490~2690 3300~3600
Efficiency (%)
On the
50*50cm
ground
plane
30cm
62.06
41.76
49.16
44.93
59.56
59.39
55.42
37.39
1M
59.27
39.88
46.95
40.98
54.46
54.71
50.55
33.33
2M
55.31
36.93
42.81
36.86
48.53
48.56
43.53
27.99
3M
51.62
34.20
39.76
32.65
42.73
42.47
36.84
23.59
5M
44.25
28.85
33.36
25.50
32.98
32.90
28.22
16.96
In free
space
30cm
65.08
48.08
55.44
49.41
57.62
59.92
54.98
38.19
1M
62.15
45.91
52.95
45.06
52.69
55.18
50.14
34.83
2M
58.00
42.54
48.29
40.62
46.96
48.99
43.17
29.65
3M
54.13
39.46
44.80
35.92
41.31
42.84
36.53
24.66
5M
46.39
33.24
37.60
28.10
31.89
33.19
27.99
19.14
Average Gain(dBi)
On the
50*50cm
ground
plane
30cm
-2.22
-3.98
-3.20
-3.55
-2.27
-2.27
-2.57
-4.36
1M
-2.42
-4.18
-3.40
-3.95
-2.66
-2.63
-2.97
-4.86
2M
-2.72
-4.51
-3.80
-4.40
-3.16
-3.14
-3.62
-5.61
3M
-3.02
-4.84
-4.13
-4.94
-3.72
-3.73
-4.35
-6.36
5M
-3.70
-5.58
-4.88
-6.00
-4.84
-4.84
-5.50
-7.79
In free
space
30cm
-2.02
-3.19
-2.60
-3.11
-2.42
-2.23
-2.62
-4.25
1M
-2.22
-3.39
-2.80
-3.51
-2.81
-2.59
-3.02
-4.65
2M
-2.52
-3.72
-3.20
-3.97
-3.31
-3.10
-3.67
-5.35
3M
-2.82
-4.05
-3.52
-4.50
-3.86
-3.69
-4.39
-6.15
5M
-3.50
-4.79
-4.28
-5.57
-4.98
-4.80
-5.55
-7.25
Peak Gain(dBi)
On the
50*50cm
ground
plane
30cm
5.37
3.66
4.35
6.24
7.04
7.11
7.91
6.46
1M
5.17
3.46
4.15
5.84
6.64
6.81
7.51
5.96
2M
4.87
3.06
3.75
5.34
6.14
6.31
6.91
5.16
3M
4.57
2.76
3.45
4.84
5.64
5.71
6.21
4.46
5M
3.87
2.06
2.65
3.74
4.44
4.61
5.11
4.82
In free
space
30cm
3.54
4.07
4.13
4.67
6.57
6.69
8.11
6.27
1M
3.34
3.87
3.93
4.27
6.17
6.35
7.71
5.87
2M
3.04
3.47
3.53
3.77
5.67
5.79
7.11
5.17
3M
2.74
3.17
3.23
3.27
5.07
5.19
6.41
4.37
5M
2.04
2.37
2.43
2.17
3.97
4.09
5.31
3.27


Similar Part No. - MA412.A.BI.003

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
4Mb / 35P
   MA412 Storm 2in1 Screwmount Antenna LTE MIMO 2in1
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003_19 Datasheet
4Mb / 35P
   MA412 Storm 2in1 Screwmount Antenna LTE MIMO 2in1
More results

Similar Description - MA412.A.BI.003

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com