Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA460.K.LBIC.002 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MA460.K.LBIC.002
Description  Aerodynamic, Super Low-profile Vandal Resistant Housing
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA460.K.LBIC.002 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MA460.K.LBIC.002 Datasheet HTML 1Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 2Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 3Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 4Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 5Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 6Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 7Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 8Page - Taoglas antenna solutions MA460.K.LBIC.002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
SPE-17-8-016/A/WY
Page 1 of 42
SPECIFICATION
Part No.
:
MA460.K.LBIC.002
Product Name
:
MA460 Storm 4in1 Low Profile
Permanent Mount Combination Antenna
2*LTE MIMO, GPS/GLONASS/BeiDou and Wi-Fi
Features
:
2* LTE MIMO
698-960/1710-2170/2490-2690/3300-3600MHz
1* Wi-Fi 2.4GHz/5.8GHz
1* GPS-GLONASS-BeiDou Antenna
Permanent Screw Mount
Worldwide 4G Bands including 3G and 2G
Aerodynamic, Super Low-profile Vandal Resistant Housing
IP67 Enclosure
Dims: 216*93*31mm
3M CFD-200 and RG-174 with SMA(M)/RP-SMA(M)
connectors
Custom Cable Lengths and Connectors Available
RoHS Compliant


Similar Part No. - MA460.K.LBIC.002

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA460++ EXTECH-MA460+ Datasheet
186Kb / 1P
   Dual display clamp-on multimeters
logo
Taoglas antenna solutio...
MA460KLBIC002 TAOGLAS-MA460KLBIC002 Datasheet
4Mb / 43P
   MA460 Storm 4in1 Low Profile Permanent Mount Combination Antenna
More results

Similar Description - MA460.K.LBIC.002

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA413.A.B.003 TAOGLAS-MA413.A.B.003 Datasheet
2Mb / 33P
   Aerodynamic, Super Low-profile Vandal Resistant Housing
logo
Elektron Components Ltd...
MP0037 BULGIN-MP0037 Datasheet
92Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MPB038 BULGIN-MPB038 Datasheet
102Kb / 1P
   Low Profile Brass Chrome Plated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
   VANDAL RESISTANT
logo
Elektron Components Ltd...
MPL031 BULGIN-MPL031 Datasheet
76Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RI.02.01.3000W TAOGLAS-RI.02.01.3000W Datasheet
678Kb / 12P
   UV and Vandal resistant PP housing
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
   UV and vandal resistant PC housing
logo
Elektron Components Ltd...
MP0027 BULGIN-MP0027 Datasheet
98Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Momentary
MPL027 BULGIN-MPL027 Datasheet
99Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com