Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX1511 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1511
Description  PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1511 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX1511 Datasheet HTML 6Page - National Semiconductor (TI) LMX1511 Datasheet HTML 7Page - National Semiconductor (TI) LMX1511 Datasheet HTML 8Page - National Semiconductor (TI) LMX1511 Datasheet HTML 9Page - National Semiconductor (TI) LMX1511 Datasheet HTML 10Page - National Semiconductor (TI) LMX1511 Datasheet HTML 11Page - National Semiconductor (TI) LMX1511 Datasheet HTML 12Page - National Semiconductor (TI) LMX1511 Datasheet HTML 13Page - National Semiconductor (TI) LMX1511 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Functional Description
The simplified block diagram below shows the 19-bit data register the 14-bit R Counter and the S Latch and the 18-bit
N Counter (intermediate latches are not shown) The data stream is clocked (on the rising edge) into the DATA input MSB first
If the Control Bit (last bit input) is HIGH the DATA is transferred into the R Counter (programmable reference divider) and the
S Latch (prescaler select 6465 or 128129) If the Control Bit (LSB) is LOW the DATA is transferred into the N Counter
(programmable divider)
TLW12340 – 19
PROGRAMMABLE REFERENCE DIVIDER (R COUNTER) AND PRESCALER SELECT (S LATCH)
If the Control Bit (last bit shifted into the Data Register) is HIGH data is transferred from the 19-bit shift register into a 14-bit
latch (which sets the 14-bit R Counter) and the 1-bit S Latch (S15 which sets the prescaler 6465 or 128129) Serial data
format is shown below
TLW12340 – 20
14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO
(R COUNTER)
Divide
14
S
13
S
12
S
11
S
10
SS
9
S
8
S
7
S
6
S
5
S
4
S
3
S
2
S
1
Ratio
R
3
0
0000
0 0 0 000011
4
0
0000
0 0 0 000100




16383
1
1111
1 1 1 111111
Notes
Divide ratios less than 3 are prohibited
Divide ratio 3 to 16383
S1 to S14 These bits select the divide ratio of the programmable
reference divider
C Control bit (set to HIGH level to load R counter and S Latch)
Data is shifted in MSB first
1-BIT PRESCALER SELECT
(S LATCH)
Prescaler
15
S
Select
P
128129
0
6465
1
10


Similar Part No. - LMX1511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1531LQ1515E NSC-LMX1531LQ1515E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX1511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2332LTMX NSC-LMX2332LTMX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com