Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDWA.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SDWA.01
Description  High Efficiency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SDWA.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SDWA.01 Datasheet HTML 1Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 2Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 3Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 4Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 5Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 6Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 7Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 8Page - Taoglas antenna solutions SDWA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-11-8-129/F/NB
Page 2 of 20
1. Introduction
The SDWA.01 dual-band SMT ceramic antenna is an embedded, high efficiency, high
peak gain solution for Wi-Fi 802.11n and other ISM band applications which require high-
speed data rates and wide coverage areas. Designed for the 2.4 GHz and 5 GHz bands,
the antenna delivers a peak gain of 3.5 dBi and 4.2 dBi, respectively. The antenna
features excellent efficiency > 70% in both bands. It is designed to perform optimally
mounted in the corner of a device PCB. Two SDWA.01 antennas can be used for MIMO
applications. The antenna's low profile, at only 1.5mm, allows for use on extremely thin
devices while still maintaining excellent performance characteristics. This antenna is
delivered on Tape and Reel for SMT application.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions. In
practice, the peak gain of an antenna tested in free-space can degrade by at least 1 or
2dBi when put inside a device. So ideally you should go for a slightly higher peak gain
antenna than mentioned on the module specification to compensate for this effect, giving
you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’ peak
gain will be below the peak gain limits. Taoglas can then issue a specification and/or
report for the selected antenna in your device that will clearly show it complying with the
peak gain limits, so you can be assured you are meeting regulatory requirements for
that module.
For example, a module manufacturer may state that the antenna must have less than
2dBi peak gain, but you don’t need to select an embedded antenna that has a peak gain
of less than 2dBi in free-space. This will give you a less optimized solution. It is better to


Similar Part No. - SDWA.01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDWA01 ETC2-SDWA01 Datasheet
745Kb / 16P
   Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
logo
Taoglas antenna solutio...
SDWA01 TAOGLAS-SDWA01 Datasheet
1Mb / 19P
   Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
More results

Similar Description - SDWA.01

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com