Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5972EZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5972EZ
Description  LVDS Input and Output data connections
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5972EZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5972EZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5972EZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
The opto-electrical subassemblies utilize a high volume assembly process together with low cost lens elements which
result in a cost effective building block. It consists of the active III-V devices, IC chips and various surface mounted pas-
sive components.
There are eight signal pins, four EMI shield solder posts and two mounting posts, which exit the bottom of the housing.
The solder posts are isolated from the internal circuit of the transceiver and are to be connected to chassis ground. The
mounting posts are to provide mechanical strength to hold the transceiver to the application board.
Pin Description
Pin 1
TData+:
Transmitter data in positive. This input is an LVDS compatible differential line.
Pin 2
TData-:
Transmitter data in negative. This input is an LVDS compatible differential line.
Pin 3
TxVCC:
Transmitter power supply pin. Provide +3.3 V DC via a transmitter power supply filter circuit.
Locate the power supply filter circuit as close as possible to the TxVcc pin.
Pin 4
GND:
Common ground pin. Directly connect this pin to the signal ground plane of the host board.
Pin 5
RxVCC:
Receiver power supply pin. Provide +3.3 V DC via a receiver power supply filter circuit.
Locate the power supply filter circuit as close as possible to the RxVcc pin.
Pin 6
RSSI:
Receiver signal strength pin, delivers a DC output current proportional to the average incoming light power.
Pin 7
RData+:
Receiver data out positive. This data line is an LVDS compatible differential output line which should be
properly terminated. In absence of an optical input signal, this line is squelched.
Pin 8
RData-:
Receiver data out negative. This data line is an LVDS compatible differential output line which should be
properly terminated. In absence of an optical input signal, this line (same as RData+) is squelched.
Shield
Shield
This is to be connected to the equipment chassis ground.
Figure 2. PCB footprint and pinout diagram
Top V iew
NOT E S :
1) Dimens ion: mm
2) G eneral tolerance: ±
0.05
3) R ecommended P C B T hicknes s 1.57± 0.05
4) P in des cription
0
3.05
6.35
8.89
0
3.73
3.18
8.66
3.2
0.1
+
(2x)
MOUNT P OS T
UNP LAT E D (2x)
ST ANDOF F
AR E A (4 x 1.9 x 1)
1
2
3
4
5
6
7
8
ST ANDOF F
AR E A (2 x 0.65 x 1.03)
Front
PIN
F UNC
1T D+
2T D-
3T xV cc
4G ND
5
RxV cc
6
RSSI
7R D+
8
RD-
0.9
0.1
+
(8x)
1.6
0.1
+
S HIE
LD G
ND
(2x)


Similar Part No. - AFBR-5972EZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5972Z AVAGO-AFBR-5972Z Datasheet
237Kb / 7P
   Compact 650nm Transceiver with Compact Versatile-Link connector for Fast Ethernet over POF
AFBR-5972Z AVAGO-AFBR-5972Z Datasheet
544Kb / 4P
   Evaluation PCB description
More results

Similar Description - AFBR-5972EZ

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Maxim Integrated Produc...
MAX9278A MAXIM-MAX9278A Datasheet
1Mb / 75P
   3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Rev 0; 1/16
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Oscilent Corporation
920 OSCILENT-920 Datasheet
141Kb / 2P
   LVDS Output
logo
Wolfson Microelectronic...
WM8235 WOLFSON-WM8235 Datasheet
225Kb / 15P
   70MSPS 9-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8233 WOLFSON-WM8233 Datasheet
279Kb / 15P
   70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8232 WOLFSON-WM8232 Datasheet
270Kb / 15P
   70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8234 WOLFSON-WM8234 Datasheet
241Kb / 15P
   70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com