Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU4B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBU4B
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBU4B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KBU4B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBU4B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBU4B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBU4A--KBU4M
Document Number:KBU808AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
KBU4A--KBU4M
KBU
400 Units/Box
KBU
Dim
Min
Max
A
22.80
23.20
A1
3.70
4.10
B
18.90
19.30
B1
17.60
18.00
C
6.55
6.85
C1
4.50
4.80
E
Ø1.20
Ø1.40
F
25min
F1
4min
K
4.70
5.30
All Dimensions in mm


Similar Part No. - KBU4B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU4B PANJIT-KBU4B Datasheet
54Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
SeCoS Halbleitertechnol...
KBU4B SECOS-KBU4B Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
logo
Semtech Corporation
KBU4B SEMTECH-KBU4B Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
SEMTECH ELECTRONICS LTD...
KBU4B SEMTECH_ELEC-KBU4B Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
KBU4B FAIRCHILD-KBU4B Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
More results

Similar Description - KBU4B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com