Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0603FF8BN Datasheet(PDF) 7 Page - YAGEO Corporation

Part # CC0603FF8BN
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0603FF8BN Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button CC0603FF8BN Datasheet HTML 3Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 4Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 5Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 6Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 7Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 8Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 9Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 10Page - YAGEO Corporation CC0603FF8BN Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.yageo.com
Nov. 24, 2016 V.15
Surface-Mount Ceramic Multilayer Capacitors
7
14
Product specification
General Purpose
16 V to 50 V
NP0
CAP.
0805
1206
1210
1812
16 V
25 V
50 V
16 V
25 V
50 V
25 V
50 V
50 V
120 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
150 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
180 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
220 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
270 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
330 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
390 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
470 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
560 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
680 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
820 pF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.0 nF
0.6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.2 nF
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.5 nF
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.8 nF
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.2 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.7 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.
6± 0.1
0.
6± 0.1
0.
6± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
3.3 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
3.9 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
4.7 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
5.6 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
6.8 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
0.85± 0.1
0.
85± 0.1
0.
85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
8.2 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
10 nF
0.85± 0.1
1.25± 0.2
0.85± 0.1
1.25± 0.2
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
12 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
15 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
18 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
22 nF
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.0± 0.2
2.0± 0.2
1.25± 0.2
33 nF
0.85± 0.1
0.85± 0.1
0.85± 0.1
47 nF
1.15± 0.2
1.15± 0.2
1.15± 0.2
1.60± 0.2
1.60± 0.2
56 nF
68 nF
1.60± 0.2
1.60± 0.2
1.60± 0.2
82 nF
100 nF
1.60± 0.2
1.60± 0.2
1.60± 0.2
NOTE
1.
Values in shaded cells indicate thickness class in mm
2.
Capacitance value of non E-12 series is on request
Table 5 Sizes from 0805 to 1812 (continued)
CAPACITANCE RANGE & THICKNESS FOR NP0


Similar Part No. - CC0603FF8BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0603FFNPO0BB121 YAGEO-CC0603FFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0603FFNPO0BB121 TDK-CC0603FFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC0603FFNPO0BB121 YAGEO-CC0603FFNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603FFNPO0BN121 YAGEO-CC0603FFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0603FFNPO0BN121 TDK-CC0603FFNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0603FF8BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com