Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0603JK-7W100RL Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RL0603JK-7W100RL
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0603JK-7W100RL Datasheet(HTML) 8 Page - YAGEO Corporation

  RL0603JK-7W100RL Datasheet HTML 1Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 2Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 3Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 4Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 5Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 6Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 7Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 8Page - YAGEO Corporation RL0603JK-7W100RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 27, 2016 V.1
Product specification
8
8
SERIES
RL
0402 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
J-STD-002 test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
J-STD-002 test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60115-1 4.18
Condition B, no pre-heat of samples.
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(1% +0.5mΩ )
No visible damage


Similar Part No. - RL0603JK-7W100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0603JK-07L YAGEO-RL0603JK-07L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603JK-10L YAGEO-RL0603JK-10L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0603JK-7W100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com