Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-CM3F Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CM3F
Description  High brightness material
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CM3F Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-CM3F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Soldering
Recommended reflow soldering condition:
a. Reflow soldering must not be done more than two
times. Do observe necessary precautions for handling
a moisture-sensitive device, as stated in the following
section.
b. Recommended board reflow direction:
(i) Leaded reflow soldering:
(ii) Lead-free reflow soldering:
c. Do not apply any pressure or force on the LED during
reflow and after reflow when the LED is still hot.
d. It is preferred that you use reflow soldering to
solder the LED. Use hand soldering only for rework
if unavoidable but must be strictly controlled to the
following conditions:
- Soldering iron tip temperature = 320 °C max.
- Soldering duration = 3 sec max.
- Number of cycles = 1 only
- Power of soldering iron = 50 W max.
e. Do not touch the LED body with a hot soldering iron
except the soldering terminals as this may damage the
LED.
f. For de-soldering, it is recommended to use appropriate
double head soldering iron. User is advised to confirm
beforehandwhetherthefunctionalityandperformance
of the LED is affected by hand soldering.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
-6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
217°C
200°C
60 - 120 SEC.
6°C/SEC. MAX.
3 °C/SEC. MAX.
3°C/SEC. MAX.
150°C
255 - 260 °C
100 SEC. MAX.
10 to 30 SEC.
TIME


Similar Part No. - ALMD-CM3F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-WY002 AVAGO-ALMD-CM3D-WY002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-Y1002 AVAGO-ALMD-CM3D-Y1002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-CM3D-Y1002 BOARDCOM-ALMD-CM3D-Y1002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3E AVAGO-ALMD-CM3E Datasheet
655Kb / 12P
   Compact form factor
More results

Similar Description - ALMD-CM3F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
HLMP-LD61 AVAGO-HLMP-LD61 Datasheet
455Kb / 12P
   High brightness material
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com