Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-NG07 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-NG07
Description  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG07 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-NG07 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
This family of 3 mm LED Lamps is capable of withstand-
ing automatic insertion and wave soldering processes.
Designed with a thick epoxy flange and soft leadframe
material, it is ideal for clinch and cut operations.
Applications
• General purpose
• High volume manufacturing
Device Selection Guide
High Brightness Lamps
Part Number
Color
Package lens
Luminous Intensity,
Min. Iv @ 20 mA
Viewing Angle,
1/2
Package Drawing
HLMP-NG05
AlInGaP Red
Micro-tinted
90.2
45
°
A
HLMP-NG07
AlInGaP Red
Micro-tinted
90.2
60
°
B
HLMP-NL06
AlInGaP Amber
Micro-tinted
96.2
60
°
B
High Efficiency Lamps
Part Number
Color
Package lens
Luminous Intensity,
Min. Iv @ 10 mA
Viewing Angle,
1/2
Package Drawing
HLMP-N305
GaP Yellow
Tinted
14.7
45
°
A
Note:
1. 2
θ1/2 is the off axis angle where the luminous intensity is 1/2 the on axis intensity.
HLMP-N305, HLMP-NG0x, HLMP-NL06
T-1 (3 mm) Auto Insertable LED Lamps
Data Sheet
Features
• T-1 (3 mm) auto-insertable package
• High brightness light output
• Tinted non-diffused lens
• Wide viewing angle
• Available colors: Red, Amber and Yellow
• Available with straight or formed lead tape and reel
options


Similar Part No. - HLMP-NG07

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Similar Description - HLMP-NG07

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com