Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-NG0x Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-NG0x
Description  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG0x Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-NG0x Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
2.5 (0.10) MAX.
14.0 ± 1.7
(0.55 ± 0.07)
18.0 ± 1.0
(0.71 ± 0.04)
6.4 ± 1.3
(0.25 ± 0.05)
12.7 ± 1.0
(0.50 ± 0.04)
9.1 ± 0.6
(0.36 ± 0.03)
0.0 ± 1.0
(0.00 ± 0.04)
11.0
(0.43) MAX.
DIMENSION "H"
(SEE TABLE)
5.1 ± 0.7
(0.20 ± 0.03)
12.7 ± 0.3
(0.50 ± 0.01)
2.5 ± 0.3
(0.10 ± 0.01)
CATHODE
LEAD
0.7 ± 0.2
(0.03 ± 0.01)
A
A
VIEW A–A
Straight Lead
∅ 4.0 ± 0.2
(0.16 ± 0.01) TYP.
2.5 (0.10) MAX.
14.0 ± 1.7
(0.55 ± 0.07)
18.0 ± 1.0
(0.71 ± 0.04)
6.4 ± 1.3
(0.25 ± 0.05)
12.7 ± 1.0
(0.50 ± 0.04)
9.1 ± 0.6
(0.36 ± 0.03)
0.0 ± 1.0
(0.00 ± 0.04)
11.0
(0.43) MAX.
DIMENSION "H"
(SEE TABLE)
3.9 ± 0.7
(0.15 ± 0.03)
12.7 ± 0.3
(0.50 ± 0.01)
2.5 ± 0.3
(0.10 ± 0.01)
CATHODE
LEAD
0.7 ± 0.2
(0.03 ± 0.01)
A
A
VIEW A–A
Formed Lead
∅ 4.0 ± 0.2
(0.16 ± 0.01) TYP.
DIMENSION "B"
(SEE TABLE)
Tape Outline Drawing
Note: Dimension in mm (inches).


Similar Part No. - HLMP-NG0x

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Similar Description - HLMP-NG0x

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com