Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-0401 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-0401
Description  Rectangular light emitting surface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-0401 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-0401 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-0401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2015 Avago Technologies. All rights reserved.
AV02-1554EN - June 24, 2015
Figure 7. Recommended wave soldering profile
Precautions
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads of LED
to length after soldering process at room temperature.
The solder joint formed will absorb the mechanical
stress of the lead cutting from traveling to the LED chip
die attach and wirebond.
• It is recommended that tooling made to precisely form
and cut the leads to length rather than rely upon hand
operation.
Soldering Conditions
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• The closest LED is allowed to solder on board is 1.59
mm below the body (encapsulant epoxy) for those
parts without standoff.
• Recommended soldering conditions:
Wave Soldering
Manual Solder
Dipping
Pre-heat Temperature
105°C Max.
Pre-heat Time
30 sec Max.
Peak Temperature
250°C Max.
260°C Max.
Dwell Time
3 sec Max.
5 sec Max.
• Wave soldering parameter must be set and maintained
according to recommended temperature and dwell
time in the solder wave. Customer is advised to
periodically check on the soldering profile to ensure
the soldering profile used is always conforming to
recommended soldering condition.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• Proper handling is imperative to avoid excessive
thermal stresses to LED components when heated.
Therefore, the soldered PCB must be allowed to cool to
room temperature, 25°C, before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size and
component orientation to assure solderability.
• Recommended PC board plated through hole sizes for
LED component leads:
LED Component
Lead Size
Diagonal
Plated Through
Hole Diameter
0.457 x 0.457 mm
(0.018 x 0.018 inch)
0.646 mm
(0.025 inch)
0.976 to 1.078 mm
(0.038 to 0.042 inch)
0.508 x 0.508 mm
(0.020 x 0.020 inch)
0.718 mm
(0.028 inch)
1.049 to 1.150 mm
(0.041 to 0.045 inch)
Note: Refer to application note AN1027 for more information on
soldering LED components.
LAMINAR WAVE
BOTTOM SIDE OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE EXERTING
MECHANICAL FORCE.


Similar Part No. - HLMP-0401

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-0401 QT-HLMP-0401 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0401 FAIRCHILD-HLMP-0401 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0401 HP-HLMP-0401 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-0401 BOARDCOM-HLMP-0401 Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
HLMP-0401-B00XX BOARDCOM-HLMP-0401-B00XX Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-0401

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
   Rectangular light emitting surface
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
   LIGHT EMITTING
logo
Lite-On Technology Corp...
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
   RECTANGULAR LIGHT BAR
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
   RECTANGULAR LIGHT BAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com