Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7905.2ACT Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC7905.2ACT
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7905.2ACT Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC7905.2ACT Datasheet HTML 4Page - Motorola, Inc MC7905.2ACT Datasheet HTML 5Page - Motorola, Inc MC7905.2ACT Datasheet HTML 6Page - Motorola, Inc MC7905.2ACT Datasheet HTML 7Page - Motorola, Inc MC7905.2ACT Datasheet HTML 8Page - Motorola, Inc MC7905.2ACT Datasheet HTML 9Page - Motorola, Inc MC7905.2ACT Datasheet HTML 10Page - Motorola, Inc MC7905.2ACT Datasheet HTML 11Page - Motorola, Inc MC7905.2ACT Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC7900
9
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Design Considerations
The MC7900 Series of fixed voltage regulators are
designed with Thermal overload Protection that shuts down
the circuit when subjected to an excessive power overload
condition. Internal Short Circuit Protection that limits the
maximum current the circuit will pass, and Output Transistor
Safe–Area Compensation that reduces the output short
circuit current as the voltage across the pass transistor is
increased.
In many low current applications, compensation
capacitors are not required. However, it is recommended that
the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. An input
bypass capacitor should be selected to provide good
high–frequency characteristics to insure stable operation
under all load conditions. A 0.33
µF or larger tantalum, mylar,
or other capacitor having low internal impedance at high
frequencies should be chosen. The capacitor chosen should
have an equivalent series resistance of less than 0.7
Ω. The
bypass capacitor should be mounted with the shortest
possible leads directly across the regulators input terminals.
Normally good construction techniques should be used to
minimize ground loops and lead resistance drops since the
regulator has no external sense lead. Bypassing the output is
also recommended.
Figure 7. Current Regulator
The MC7905, – 5.0 V regulator can be used as a constant current source when
connected as above. The output current is the sum of resistor R current and
quiescent bias current as follows.
The quiescent current for this regulator is typically 4.3 mA. The 5.0 V regulator was
chosen to minimize dissipation and to allow the output voltage to operate to within
6.0 V below the input voltage.
IO =
5.0 V
+ IB
–20 V
Input
MC7905
10
R
IO = 200 mA
VO ≤ 10 V
1.0
µF
Gnd
Gnd
+
1.0
µF
+
R
Figure 8. Current Boost Regulator
(– 5.0 V @ 4.0 A, with 5.0 A Current Limiting)
When a boost transistor is used, short circuit currents are equal to the sum of the
series pass and regulator limits, which are measured at 3.2 A and 1.8 A respectively
in this case. Series pass limiting is approximately equal to 0.6 V/RSC. Operation
beyond this point to the peak current capability of the MC7905C is possible if the
regulator is mounted on a heatsink; otherwise thermal shutdown will occur when
the additional load current is picked up by the regulator.
*Mounted on heatsink.
–10
V
Input
0.56
0.56
0.56
MJE200*
or Equiv
5.6
2N3055*
or Equiv
MC7905*
1.0
µF
– 5.0 V
Output
Gnd
Gnd
+
+
1.0
µF
10
µF
+
Figure 9. Operational Amplifier Supply
(
±15 @ 1.0 A)
The MC7815 and MC7915 positive and negative regulators may be connected as
shown to obtain a dual power supply for operational amplifiers. A clamp diode
should be used at the output of the MC7815 to prevent potential latch–up problems
whenever the output of the positive regulator (MC7815) is drawn below ground with
an output current greater than 200 mA.
+20 V
Input
+15 V
Output
0.33
µF
1N4001
or Equiv
Gnd
Gnd
1.0
µF
+
– 20 V
Input
–15 V
Output
MC7815
MC7915
+
+
+
1.0
µF
1.0
µF
1.0
µF


Similar Part No. - MC7905.2ACT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
194Kb / 16P
   1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7905.2CTG ONSEMI-MC7905.2CTG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7905.2ACT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com