Electronic Components Datasheet Search |
|
LMX393HAKA-T Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
LMX393HAKA-T Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 12 page General Description The LMX331/LMX393/LMX339 single/dual/quad com- parators are drop-in, pin-for-pin-compatible replace- ments for the LMV331/LMV393/LMV339. The LMX331H/ LMX393H/LMX339H offer the performance of the LMX331/LMX393/LMX339 with the added benefit of inter- nal hysteresis to provide noise immunity, preventing out- put oscillations even with slow-moving input signals. Advantages of the LMX331/LMX393/LMX339 series include low supply voltage, small package, and low cost. The LMX331 is available in both 5-pin SC70 and SOT23 packages, LMX393 is available in both 8-pin µMAX and smaller SOT23 packages, and the LMX339 is available in 14-pin TSSOP and SO packages. They are manufac- tured using advanced submicron CMOS technology. Designed with the most modern techniques, the LMX331/LMX393/LMX339 achieve superior performance over BiCMOS or bipolar versions on the market. The LMX331/LMX393/LMX339 offer performance advantages such as wider supply voltage range, wider operating temperature range, better CMRR and PSRR, improved response time characteristics, reduced off- set, reduced output saturation voltage, reduced input bias current, and improved RF immunity. Applications Mobile Communications Notebooks and PDAs Automotive Applications Battery-Powered Electronics General-Purpose Portable Devices General-Purpose Low-Voltage Applications Features o Guaranteed 1.8V to 5.5V Performance o -40°C to +125°C Automotive Temperature Range o Low Supply Current (60µA/Comparator at VDD = 5.0V) o Input Common-Mode Voltage Range Includes Ground o No Phase Reversal for Overdriven Inputs o Low Output Saturation Voltage (100mV) o Internal 2mV Hysteresis (LMX331H/LMX393H/LMX339H) o 5-Pin SC70 Space-Saving Package (2.0mm ✕ 2.1mm ✕ 1.0mm) (LMX331/LMX331H) General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators ________________________________________________________________ Maxim Integrated Products 1 TOP VIEW 14 13 12 11 10 9 8 1 2 3 4 5 6 7 OUTC OUTD VSS IND+ INA- VDD OUTA OUTB IND- INC+ INC- INB+ INB- INA+ TSSOP/SO VSS OUT IN- 15 VDD IN+ SC70/SOT23 2 34 LMX331/LMX331H 1 2 3 4 8 7 6 5 VDD OUTB INB- INB+ VSS INA+ INA- OUTA SOT23/ µMAX LMX393/LMX393H LMX339/LMX339H AD BC A B Pin Configurations 19-1958; Rev 2; 1/02 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. Ordering Information PART TEMP RANGE PIN- PACKAGE TOP MARK LMX331AXK-T -40 °C to +125°C 5 SC70-5 ACD LMX331AUK-T -40 °C to +125°C 5 SOT23-5 ADQR LMX331HAXK-T -40 °C to +125°C 5 SC70-5 ACE LMX331HAUK-T -40 °C to +125°C 5 SOT23-5 ADQS LMX393AKA-T -40 °C to +125°C 8 SOT23-8 AAIF LMX393AUA -40 °C to +125°C 8 µMAX — LMX393HAKA-T -40 °C to +125°C 8 SOT23-8 AAIG LMX393HAUA -40 °C to +125°C 8 µMAX — LMX339AUD -40 °C to +125°C 14 TSSOP — LMX339ASD -40 °C to +125°C 14 SO — LMX339HAUD -40 °C to +125°C 14 TSSOP — LMX339HASD -40 °C to +125°C 14 SO — |
Similar Part No. - LMX393HAKA-T |
|
Similar Description - LMX393HAKA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |