Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA1014 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # QPA1014
Description  40 Watt GaN Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA1014 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button QPA1014 Datasheet HTML 2Page - TriQuint Semiconductor QPA1014 Datasheet HTML 3Page - TriQuint Semiconductor QPA1014 Datasheet HTML 4Page - TriQuint Semiconductor QPA1014 Datasheet HTML 5Page - TriQuint Semiconductor QPA1014 Datasheet HTML 6Page - TriQuint Semiconductor QPA1014 Datasheet HTML 7Page - TriQuint Semiconductor QPA1014 Datasheet HTML 8Page - TriQuint Semiconductor QPA1014 Datasheet HTML 9Page - TriQuint Semiconductor QPA1014 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
QPA1014
2.7 – 3.7 GHz 40 Watt GaN Amplifier
Data Sheet Rev. A, November 11, 2016
- 6 of 16 -
www.qorvo.com
Performance Plots – Large Signal (Pulsed)
Test conditions unless otherwise noted: Temp. = 25 °C, VD = 28 V, IDQ = 450 mA, PW = 100 us, Duty Cycle = 10%
18
20
22
24
26
28
30
32
34
36
2
4
6
8
10
12
14
16
18
20
22
24
26
Input Power (dBm)
Power Gain vs. Input Power vs. VD
25 V
28 V
30 V
32 V
Temp. = 25 °C, I
DQ = 450 mA, Freq. = 3.1 GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2
4
6
8
10
12
14
16
18
20
22
24
26
Input Power (dBm)
Drain Current vs. Input Power vs. VD
25 V
28 V
30 V
32 V
Temp. = 25 °C, I
DQ = 450 mA, Freq. = 3.1 GHz
28
30
32
34
36
38
40
42
44
46
48
50
2
4
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Output Power vs. Input Power vs. IDQ
350 mA
450 mA
V
D = 28 V, Temp. = 25
°
C, Freq. = 3.1 GHz
0
10
20
30
40
50
60
70
2
4
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Power Added Eff. vs. Input Power vs. IDQ
350 mA
450 mA
V
D = 28 V, Temp. = 25
°
C, Freq. = 3.1 GHz
18
20
22
24
26
28
30
32
34
36
2
4
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Power Gain vs. Input Power vs. IDQ
350 mA
450 mA
V
D = 28 V, Temp. = 25
°
C, Freq. = 3.1 GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2
4
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Drain Current vs. Input Power vs. IDQ
350 mA
450 mA
V
D = 28 V, Temp. = 25
°
C, Freq. = 3.1 GHz


Similar Part No. - QPA1014

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
QPA1014PCB4B02 QORVO-QPA1014PCB4B02 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
QPA1014S2 QORVO-QPA1014S2 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
More results

Similar Description - QPA1014

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
logo
TriQuint Semiconductor
TGS2354 TRIQUINT-TGS2354_15 Datasheet
866Kb / 11P
   0.5-6.0 GHz 40 Watt GaN Switch
TGS2354-SM TRIQUINT-TGS2354-SM_15 Datasheet
1Mb / 12P
   0.5-6 GHz 40 Watt GaN Switch
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
QBS-598 APITECH-QBS-598 Datasheet
435Kb / 2P
   Broadband 100 Watt GaN Power Amplifier
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
   10 WATT GaN MMIC POWER AMPLIFIER,
HMC1087 AD-HMC1087 Datasheet
614Kb / 10P
   8 WATT GaN MMIC POWER AMPLIFIER
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
   GaN MMIC 10 WATT POWER AMPLIFIER
logo
TriQuint Semiconductor
TGF2955 TRIQUINT-TGF2955_15 Datasheet
1Mb / 19P
   40 Watt Discrete Power GaN on SiC HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com