Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94050 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94050
Description  4-Terminal TinyFET??P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94050 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94050 Datasheet HTML 1Page - Micrel Semiconductor MIC94050 Datasheet HTML 2Page - Micrel Semiconductor MIC94050 Datasheet HTML 3Page - Micrel Semiconductor MIC94050 Datasheet HTML 4Page - Micrel Semiconductor MIC94050 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIC94050/94051
Micrel
July 2002
1
MIC94050/94051
MIC94050/94051
4-Terminal TinyFET™ P-Channel MOSFET
Final
General Description
The MIC94050 and MIC94051 are 4-terminal silicon gate
P-channel MOSFETs that provide low on-resistance in a very
small package.
Designed for high-side switch applications where space is
critical, the MIC94050/1 exhibits an on-resistance of typically
0.125
Ω at 4.5V gate-to-source voltage. The MIC94050/1 also
operates with only 1.8V gate-to-source voltage.
The MIC94050 is the basic 4-lead P-channel MOSFET. The
MIC94051 is a variation that includes an internal gate pull-up
resistor that can reduce the system parts count in many
applications.
The 4-terminal SOT-143 package permits a substrate con-
nection separate from the source connection. This 4-terminal
configuration improves the
θ
JA (improved heat dissipation)
and makes reverse-blocking switch applications practical.
The small size, low threshold, and low R
DS(on) make the
MIC94050/1 the ideal choice for PCMCIA, USB, back-up
battery-power, and distributed power management applica-
tions.
Features
• 0.125
Ω typical on-resistance
at 4.5V gate-to-source voltage
• Operates with 1.8V gate-to-source voltage
• Separate substrate connection allows reverse-blocking
Applications
• Distributed power management
• PCMCIA card power management
• USB ports
• Battery-powered computers, peripherals
• Handheld bar-code scanners
• Portable communications equipment
• Reverse blocking battery management
Ordering Information
Part Number
Temperature Range*
Package
MIC94050BM4
–40
°C to +150°C
SOT-143
MIC94051BM4
–40
°C to +150°C
SOT-143
* Operating Junction Temperature
Gate
Source
Drain
Substrate
Schematic Symbol
MIC94050
MIC94051
Schematic Symbol
Pin Configuration
SOT-143 Package (M4)
Typical PCB Layout
S
D
G
SS
PCB heat sink
plane improves
heat dissipation
PCB traces
G
S
D
SS
~350k
Internal
gate-to-source
pull-up resistor
G
S
D
SS
Functional Diagrams
Substrate
Source
Gate
Drain
P5x
Part
Identification
Part Number
Identification
MIC94050BM4
P50
MIC94051BM4
P51
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
TinyFET is a trademark of Micrel, Inc.


Similar Part No. - MIC94050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050 MICREL-MIC94050 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
MIC94050BM4 MICREL-MIC94050BM4 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050BM4 MICREL-MIC94050BM4 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
MIC94050YM4 MICREL-MIC94050YM4 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
More results

Similar Description - MIC94050

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94030 MICREL-MIC94030_11 Datasheet
150Kb / 6P
   TinyFET P-Channel MOSFET
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
MIC94050 MICREL-MIC94050_06 Datasheet
634Kb / 5P
   4-Terminal SymFET??P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com