Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB531XN Datasheet(PDF) 1 Page - Rohm

Part # RB531XN
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB531XN Datasheet(HTML) 1 Page - Rohm

  RB531XN_16 Datasheet HTML 1Page - Rohm RB531XN_16 Datasheet HTML 2Page - Rohm RB531XN_16 Datasheet HTML 3Page - Rohm RB531XN_16 Datasheet HTML 4Page - Rohm RB531XN_16 Datasheet HTML 5Page - Rohm RB531XN_16 Datasheet HTML 6Page - Rohm RB531XN_16 Datasheet HTML 7Page - Rohm RB531XN_16 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RB531XN
Schottky Barrier Diode
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VR
30
V
     
 
Io
100
mA
 
 
IFSM
1
A
 
 
 
 
 
     
Features
Inner Circuit
High reliability
Small mold type
Super Low VF
Application
Packaging Specifications
Small current rectification
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
TR
Marking
3K
Absolute Maximum Ratings (Ta = 25ºC unless otherwise stated)
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
Reverse direct voltage
30
V
Average rectified forward current
Io
Glass epoxy mounted60Hz half sin
wavef ormresistive loadper diode
100
mA
Peak forward surge current
IFSM
60Hz half sin wavef ormNon-repetitive
one cycleper diodeTa=25ºC
1
A
Junction temperature
Tj
-
125
Storage temperature
Tstg
-
-40 125
                            
Characteristics (Ta = 25ºC unless otherwise stated)
Value per diode
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF1
IF=10mA
-
-
0.30
V
VF2
IF=100mA
-
-
0.43
V
Reverse current
IR
VR=10V
-
-
20
μA
Cautionstatic electricity
Attention
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
 
2016/09/28_Rev.001


Similar Part No. - RB531XN_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RB531XNTR ROHM-RB531XNTR Datasheet
254Kb / 4P
   Schottky Barrier Diode
RB531XN ROHM-RB531XN_09 Datasheet
198Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB531XN_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com