Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5720 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK5720
Description  96kHz 24-Bit ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5720 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK5720 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5720 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
[AK5720]
MS1641-E-02
2014/12
- 11 -
Parameter
Symbol
min
typ
max
Unit
Audio Interface Timing (Slave mode)
Normal mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “”
(Note 8)
BICK “” to LRCK Edge
(Note 8)
LRCK to SDTO (MSB) (Except I
2S
mode)
BICK “” to SDTO
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
160
65
65
30
30
35
35
ns
ns
ns
ns
ns
ns
ns
TDM256 mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “”
(Note 8)
BICK “” to LRCK Edge
(Note 8)
SDTO Setup time BICK “”
SDTO Hold BICK “”
TDMI Hold Time
TDMI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tBSS
tBSH
tSDH
tSDS
40
16
16
10
10
7
6
4
5
ns
ns
ns
ns
ns
ns
ns
ns
ns
Audio Interface Timing (Master mode)
Normal mode
BICK Frequency
BICK Duty
BICK “” to LRCK
BICK “” to SDTO
fBCK
dBCK
tMBLR
tBSD
20
40
64fs
50
20
40
Hz
%
ns
ns
TDM256 mode
BICK Frequency
BICK Duty
(Note 9)
BICK “” to LRCK
SDTO Setup time BICK “”
SDTO Hold BICK “”
TDMI Hold Time
TDMI Setup Time
fBCK
dBCK
tMBLR
tBSS
tBSH
tSDH
tSDS
10
7
6
4
5
256fs
50
10
Hz
%
ns
ns
ns
ns
ns
Power-Down & Reset Timing
PDN Pulse Width
(Note 10)
PDN Reject Pulse Width
(Note 10)
PDN “” to SDTO valid
(Note 11)
tPD
tRPD
tPDV
150
4129
30
ns
ns
1/fs
Note 8. BICK rising edge must not occur at the same time as LRCK edge.
Note 9. In the case of MCLK duty cycle is 50%.
Note 10. The AK5720 can be reset by setting the PDN pin to “L” upon power-up. The PDN pin must held “L”
for more han 150ns for a certain reset. The AK5720 is not reset by the “L” pulse less than 30ns.
Note 11. This is the count of LRCK “↑” from the PDN pin = “H”.


Similar Part No. - AK5720

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5720VT HUAXINAN-AK5720VT Datasheet
1Mb / 25P
   ADC
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
More results

Similar Description - AK5720

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
   107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
logo
Asahi Kasei Microsystem...
AK5365 AKM-AK5365 Datasheet
286Kb / 41P
   24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com