Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE300E3302SB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE300E3302SB
Description  NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE300E3302SB Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE300E3302SB Datasheet HTML 1Page - Vishay Siliconix NTCLE300E3302SB Datasheet HTML 2Page - Vishay Siliconix NTCLE300E3302SB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCLE201E3...SB, NTCLE300E3...SB
www.vishay.com
Vishay BCcomponents
Revision: 23-Dec-16
1
Document Number: 29051
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
FEATURES
• Accuracy of 0.5 °C between 0 °C and 50 °C
• Small 2.4 mm diameter
• High stability over a long life
• Long and flexible leads for special mounting or
assembly requirements
• AEC-Q200 qualified
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control in
automotive,
industrial
and
consumer
electronic
equipment
DESCRIPTION
These negative temperature coefficient thermistors consist
of a mini-chip soldered between two AWG#30 ETFE
insulated (LE300) or non-insulated (LE201) 0.3 mm nickel
leads and coated with a solid ocher color epoxy lacquer.
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 1000 units.
MARKING
The coated body has no markings.
MOUNTING
By soldering in any position.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/thermistors/ntc-curve-list/
DIMENSIONS in millimeters
Component outline for NTCLE201E3...
Component outline for NTCLE300E3...
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
3K to 10K
Tolerance on R25-value
± 2.18
%
B25/85-value
3977
K
Tolerance on B25/85-value
± 0.75
%
Operating temperature
range at zero dissipation
-40 to +125
°C
Accuracy for T measured
between 0 °C and 50 °C
± 0.5
°C
Maximum power
dissipation at 55 °C
100
mW
Min. dielectric withstanding
voltage between terminals
and coated body
500
VAC
Weight
 0.2
g
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
SAP MATERIAL AND
ORDERING NUMBER
3000
2.18
3977
0.75
NTCLE201E3302SB
5000
2.18
3977
0.75
NTCLE201E3502SB
10 000
2.18
3977
0.75
NTCLE201E3103SB
3000
2.18
3977
0.75
NTCLE300E3302SB
5000
2.18
3977
0.75
NTCLE300E3502SB
10 000
2.18
3977
0.75
NTCLE300E3103SB
38 ± 2
8 max.
0.3 ± 0.03
2.4
max.
2.4
max.
38 ± 2
6 ± 1
8 max.
0.58 max.
0.25 ± 0.025
2.4
max.
2.4
max.


Similar Part No. - NTCLE300E3302SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE300E3302SB VISHAY-NTCLE300E3302SB Datasheet
83Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
NTCLE300E3302SB VISHAY-NTCLE300E3302SB Datasheet
82Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
NTCLE300E3302SBA VISHAY-NTCLE300E3302SBA Datasheet
83Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
NTCLE300E3302SBA VISHAY-NTCLE300E3302SBA Datasheet
82Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
More results

Similar Description - NTCLE300E3302SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE201E3 VISHAY-NTCLE201E3_V01 Datasheet
83Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
NTCLE201E3...SB VISHAY-NTCLE201E3...SB Datasheet
82Kb / 3P
   NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
01-Jan-2022
NTCLE305E4SB VISHAY-NTCLE305E4SB Datasheet
94Kb / 5P
   NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
Revision: 16-May-11
NTCLE305E4 VISHAY-NTCLE305E4_V01 Datasheet
97Kb / 5P
   NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
01-Jan-2022
NTCLE305E4 VISHAY-NTCLE305E4_11 Datasheet
91Kb / 5P
   NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
Revision: 16-May-11
NTCLE305E4-SB VISHAY-NTCLE305E4-SB Datasheet
94Kb / 5P
   NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
Revision: 16-May-11
NTCLE305E4...SB VISHAY-NTCLE305E4...SB Datasheet
95Kb / 5P
   NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leadss
01-Jan-2022
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
   NTC Thermistors, Micro Chip Sensor Insulated Leads
Revision: 14-Jun-10
NTCLE413E3502H102L VISHAY-NTCLE413E3502H102L Datasheet
134Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 12-Oct-12
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com