Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA921ED Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIA921ED
Description  Dual P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA921ED Datasheet(HTML) 7 Page - Vishay Siliconix

  SIA921ED Datasheet HTML 1Page - Vishay Siliconix SIA921ED Datasheet HTML 2Page - Vishay Siliconix SIA921ED Datasheet HTML 3Page - Vishay Siliconix SIA921ED Datasheet HTML 4Page - Vishay Siliconix SIA921ED Datasheet HTML 5Page - Vishay Siliconix SIA921ED Datasheet HTML 6Page - Vishay Siliconix SIA921ED Datasheet HTML 7Page - Vishay Siliconix SIA921ED Datasheet HTML 8Page - Vishay Siliconix SIA921ED Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73001
06-Aug-07
www.vishay.com
1
PowerPAK® SC70-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.23
0.30
0.38
0.009
0.012
0.015
0.23
0.30
0.38
0.009
0.012
0.015
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
D1
0.85
0.95
1.05
0.033
0.037
0.041
0.513
0.613
0.713
0.020
0.024
0.028
D2
0.135
0.235
0.335
0.005
0.009
0.013
E
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
E1
1.40
1.50
1.60
0.055
0.059
0.063
0.85
0.95
1.05
0.033
0.037
0.041
E2
0.345
0.395
0.445
0.014
0.016
0.018
E3
0.425
0.475
0.525
0.017
0.019
0.021
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
K
0.275 TYP
0.011 TYP
0.275 TYP
0.011 TYP
K1
0.400 TYP
0.016 TYP
0.320 TYP
0.013 TYP
K2
0.240 TYP
0.009 TYP
0.252 TYP
0.010 TYP
K3
0.225 TYP
0.009 TYP
K4
0.355 TYP
0.014 TYP
L
0.175
0.275
0.375
0.007
0.011
0.015
0.175
0.275
0.375
0.007
0.011
0.015
T
0.05
0.10
0.15
0.002
0.004
0.006
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5934
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
PIN1
PIN6
PIN5
PIN4
PIN2
PIN3
A
Z
DETAIL Z
z
D
K1
K2
K3
K2
K2
e
b
b
e
PIN6
PIN5
PIN4
PIN1
PIN3
PIN2
D1
D2
D1
D1
K1


Similar Part No. - SIA921ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA921EDJ VISHAY-SIA921EDJ Datasheet
260Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA921EDJ VISHAY-SIA921EDJ_V01 Datasheet
260Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA921ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com