Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ9945AE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ9945AE
Description  Package with Low Thermal Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945AE Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ9945AE Datasheet HTML 1Page - Vishay Siliconix SQ9945AE Datasheet HTML 2Page - Vishay Siliconix SQ9945AE Datasheet HTML 3Page - Vishay Siliconix SQ9945AE Datasheet HTML 4Page - Vishay Siliconix SQ9945AE Datasheet HTML 5Page - Vishay Siliconix SQ9945AE Datasheet HTML 6Page - Vishay Siliconix SQ9945AE Datasheet HTML 7Page - Vishay Siliconix SQ9945AE Datasheet HTML 8Page - Vishay Siliconix SQ9945AE Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 74499
www.vishay.com
S-81559-Rev. B, 23-Oct-08
1
Automotive
Dual N-Channel 60 V (D-S) 175 °C MOSFET
SQ9945AEY
Vishay Siliconix
FEATURES
• TrenchFET® Power MOSFET
• Package with Low Thermal Resistance
AEC-Q101 RELIABILITY
• Passed all AEC-Q101 Reliability Testing
• Characterization Ongoing
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR-4 material).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω) at VGS = 10 V
0.080
ID (A)
± 3.7
Configuration
Dual
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
SO-8
Lead (Pb)-free
SQ9945AEY-T1-E3
SnPb
SQ9945AEY-T1
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
- 3.7
A
TC = 70 °C
- 3.2
Continuous Source Current (Diode Conduction)a
IS
2
Pulsed Drain Currentb
IDM
25
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
-mJ
Single Pulse Avalanche Current
IAS
-A
Maximum Power Dissipationb
TC = 25 °C
PD
2.4
W
TA = 70 °C
1.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
-
°C/W
Junction-to-Case (Drain)
RthJC
-
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945AEY VISHAY-SQ9945AEY Datasheet
119Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
Rev. B, 23-Oct-08
SQ9945AEY VISHAY-SQ9945AEY Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945AEY-T1 VISHAY-SQ9945AEY-T1 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SQ9945AEY-T1-E3 VBSEMI-SQ9945AEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ9945AEY-T1-E3 VISHAY-SQ9945AEY-T1-E3 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
   Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
   Industry Standard SMT package Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com